Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 53Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 54Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 55Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 56Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 57Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 58Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 59Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 60Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
Table 30. Qixis Register Memory Map (continued)
Offset
Register
Width
(In bits)
Access
Reset value
021h
Power Control 2 (PWR_CTL2)
8
RW
00000000b
022h
Power Event Trace (PWR_EVENT)
8
RO
00000000b
024h
Power Status 0 (PWR_MSTAT)
8
RO
11001011b
025h
Power Status 1 (PWR_STAT1)
8
RO
11111111b
026h
Power Status 2 (PWR_STAT2)
8
RO
11111111b
030h
Clock Speed 1 (CLK_SPD1)
8
RO
00000000b
033h
Clock ID/Status (CLK_ID)
8
RO
00000000b
040h
Reset Control (RST_CTL)
8
RW
00xx0000b
041h
Reset Status (RST_STAT)
8
RO
00000000b
042h
Reset Event Trace (RST_REASON)
8
RO
11110000b
043h
Reset Force 1 (RST_FORCE1)
8
RW
00000000b
044h
Reset Force 2 (RST_FORCE2)
8
RW
00000000b
045h
Reset Force 3 (RST_FORCE3)
8
RW
00000000b
04Bh
Reset Mask 1 (RST_MASK1)
8
RW
00000000b
04Ch
Reset Mask 2 (RST_MASK2)
8
RW
00000000b
04Dh
Reset Mask 2 (RST_MASK3)
8
RW
00000000b
050h
Board Configuration 0 (BRDCFG0)
8
RW
xxx00000b
051h
Board Configuration 1 (BRDCFG1)
8
RO
00000000b
052h
Board Configuration 2 (BRDCFG2)
8
RO
11110000b
053h
Board Configuration 3 (BRDCFG3)
8
RO
00000000b
054h
Board Configuration 4 (BRDCFG4)
8
RW
000x0x0xb
060h
DUT Configuration 0 (DUTCFG0)
8
RW
0000xxxxb
061h
DUT Configuration 1 (DUTCFG1)
8
RW
11111111b
062h
DUT Configuration 2 (DUTCFG2)
8
RW
11111xxxb
066h
DUT Configuration 6 (DUTCFG6)
8
RW
1111111xb
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
57 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com