Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 26Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 27Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 28Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 29Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 30Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 31Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 32Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 33Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
Overlapping footprints
Allows either FBGA169
or FBGA153 (not both)
VDD = 3V3
from CPLD
eMMC
FBGA153
LX2160A
SDHC2_CMD
SDHC2_CLK
SDHC2_DS
SDHC2_DAT0
SDHC2_DAT1
SDHC2_DAT2
SDHC2_DAT3
SDHC2_DAT4
SDHC2_DAT5
SDHC2_DAT6
SDHC2_DAT7
eMMC
FBGA169
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
CMD
CLK
DS
RST_B
RST_EMMC_B
OVDD = 1V8
Figure 17. eSDHC2 architecture
2.8 XSPI interface
The LX2160ARDB octal serial peripheral interface (XSPI) supports two onboard XSPI flash memories for boot image and one
QSPI emulator for offboard QSPI emulation. The XSPI chip-select signals from the processor are driven to the XSPI memories
or the QSPI emulator through two high-speed multiplexers. The XSPI interface supports Single/Dual/Quad/Octal mode data
transfer (1/2/4/8 bidirectional data lines).
The figure below shows the LX2160ARDB XSPI connections.
QSPI emulator connector
Samtec
0.05" 2x10 “ISP-B”
OVDD
XSPI
Micron 64 MB
MT35XU512ABA1G12
PBGA24
XSPI
Micron 64 MB
MT35XU512ABA1G12
PBGA24
LX2160A
HS mux
1:4
(2x)
CFG_XSPI_MAP[3:0]
XSPI_A_CS0_B
VB_XSPI_CS1_B
VB_XSPI_EMU_B
From CPLD
VB_XSPI_CS0_B
XSPI_A_CS1_B
XSPI_A_D[0:7]
XSPI_A_DQS
XSPI_A_SCK
TFM-110-02-S-D-SN-K-TR
Figure 18. XSPI architecture
The table below shows the devices attached to the LX2160ARDB XSPI interface.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
30 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com