Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 35Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 36Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 37Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 38Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 39Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 40Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 41Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 42Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
LX2160A
GPIO
event
header
90120-0125
4.7 K (weak)
(17 places)
OVDD
4
3
2
1
5
OVDD (1.8 V)
PHY_25G_LOL/IRQ1
IRQ6
IRQ_FAN_B/IRQ7
PHY_25G_LOL/IRQ9
PHY_25G_LOL/IRQ10
IRQ_QSFP_B/IRQ11
IRQ_40GE_B/IRQ0
IRQ_10G_PHY1_B/IRQ2
IRQ_10G_PHY2_B/IRQ3
IRQ_EPHY1_B/IRQ4
IRQ_EPHY2_B/IRQ5
IRQ_RTC_B/IRQ8
EVT0
EVT1
EVT2
EVT3
EVT4
CS4223 40 GbE PHY
AQR107 10 GbE PHY #1
AQR107 10 GbE PHY #2
AR8035 1 GbE PHY #1
AR8035 1 GbE PHY #2
RTC
IN112525 25 GbE PHY
IN112525 25 GbE PHY
IN112525 25 GbE PHY
zQSFP+ 40 GbE module
EMC2305 fan controller
Figure 26. Interrupt architecture
The table below summarizes the interrupt assignments used.
Table 18. LX2160ARDB interrupt assignments
Interrupt signal
Supported function
Description
IRQ0_B
IRQ_40GE_B
40 GbE PHY (CS4223) interrupt
IRQ1_B
PHY_25G_LOL
25 GbE PHY (IN112525) loss-of-lock interrupt
IRQ2_B
IRQ_10G_PHY1_B
10 GbE PHY #1 (AQR107) interrupt
IRQ3_B
IRQ_10G_PHY2_B
10 GbE PHY #2 (AQR107) interrupt
IRQ4_B
IRQ_EPHY1_B
1 GbE PHY #1 (AR8035) interrupt
IRQ5_B
IRQ_EPHY2_B
1 GbE PHY #2 (AR8035) interrupt
IRQ6_B
Unassigned
IRQ7_B
IRQ_FAN_B
EMC2305 fan controller interrupt
IRQ8_B
IRQ_RTC_B
RTC interrupt
IRQ9_B
PHY_25G_LOL (if SFP2_MOD_ABS is low) SFP2 transceiver loss-of-lock interrupt
IRQ10_B
PHY_25G_LOL (if SFP3_MOD_ABS is low) SFP3 transceiver loss-of-lock interrupt
IRQ11_B
IRQ_QSFP_B
zQSFP+ transceiver (40 GbE PHY) interrupt
2.15 GPIO access
The LX2160A processor has no dedicated general-purpose input/output (GPIO) pins. Instead, GPIO functions are multiplexed
internally onto other signals, which must be disabled before using the GPIO functions. For the LX2160ARDB, GPIO access is
provided through the IRQ pins IRQ[0:11] and EVT pins EVT[0:4] but only when those pins are not used for IRQ or other purposes.
The following figure shows the GPIO access header.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
39 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com