Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 79 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 75Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 76Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 77Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 78Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 79Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 80Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 81Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 82Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 116 page
background image
3.28 Power Status 1 (PWR_STAT1)
Address
Register
Offset
PWR_STAT1
025h
Function
The PWR_STATn registers are used to monitor the status of individual power supplies. If a bit is set to '1', the respective power
supply is operating correctly.
Note that unassigned bits default to one, allowing power failure detection to be easily performed (if the value is not FFh, at least
one supply is not operating).
Due to the high variability of the hardware devices used, PWR_STATn register bits are not assigned any universally fixed values.
For more details, see the target platform documentation.
Diagram
Bits
7
6
5
4
3
2
1
0
R
0V85
2VX
LVAUX
SD_AVDD
SD_VDD
USB
VDD
W
NONE
1
1
1
1
1
1
1
1
Fields
Field
Function
7
0V85
VCC_0V85 Power Supply Status:
0= Power supply is disabled or faulted.
1= Power supply is operating.
6
2VX
2.1V and 2.5V Power Supply Status:
0= One or both power supplies are disabled or faulted.
1= Power supplies are operating.
5
LVAUX
LVAUX Power Supply Status:
0= Power supply is disabled or faulted.
1= Power supply is operating.
4
SD_AVDD
SD_AVDD Power Supply Status:
0= Power supply is disabled or faulted.
1= Power supply is operating.
3
SD_SVDD and SD_OVDD Power Supply Status:
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
79 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com