Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 59Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 60Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 61Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 62Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 63Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 64Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 65Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 66Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
Concatenated with the QVER register, it forms the full revision information for the CPLD device. This is typically reported as:
qver = get_pixis( QVER );
minor = get_pixis( MINOR );
printf("FPGA: V%d", qver );
if (minor != 0) {
printf(".%d", minor );
}
Note: setting the MINOR/MINTAG register to 5h before reading is optional, as on every reset 05h is the default.
Note: for harmonization with QDS-supporting code (e.g. uboot), if MINOR is zero, do not print it.
Other information can be obtained by writing the corresponding address and reading the register. Reserved fields are found only
in QDS QTAG but are present for compatibility. Contents are as follows:
MINTAG Definition
Address Range Name
Definition
0x00-0x03
TAG
not implemented.
0x05-0x06
MINOR
Minor build version: u16 value in little-endian order.
0x08-0x0B
DATE
Date/time stamp: u32 Unix GMT time value in big-endian order.
0x0C
RELEASE
Released flag: 0=unreleased, non-zero=released.
0x10-0x2F
NAME
not implemented.
0x30-0x7F
reserved
reserved
Diagram
Bits
7
6
5
4
3
2
1
0
R
MINOR
W
NONE
05h
Fields
Field
Function
7-0
MINOR
Read: Data to read from MINOR/MINTAG.
Write: Address of data to read.
3.9 Control and Status Registers
This block of registers control the operation of Qixis itself (or other operations which do not constitute controlling the board or the
DUT, which are managed with BRDCFG/DUTCFG registers) or monitor the status of various things.
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
63 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com