Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 58Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 59Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 60Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 61Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 62Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 63Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 64Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 65Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 116 page
background image
Diagram
Bits
7
6
5
4
3
2
1
0
R
MIN
BOM
MODEL
W
NONE
0
1
00
0000
Fields
Field
Function
7
MIN
Programming Model Type:
0= Normal Qixis register set.
1= Subset Qixis register set (QixMin).
6
BOM
Model Register Encoding:
0= Lower 4 bits contain programming model revision (MODEL).
1= reserved.
5-4
-
Reserved.
3-0
MODEL
Model (BOM Version) Information:
0000= No revision: PCB version is 'A',
'B',
etc.
0001= Revision 1 : PCB version is 'A1', 'B1', etc.
0010= Revision 2 : PCB version is 'A2', 'B2', etc.
and so forth.
Note that this field should be appended to the VER.PCB information only if non-zero.
3.8 Minor Revision (MINOR)
Address
Register
Offset
MINOR
004h
Function
The MINOR (or MINTAG) register can be used to obtain CPLD build information from software. The register returns a subset of
the Qixis QTAG facility but more than the limited MINOR facility on other RDBs.
Writes to MINOR select various pieces of information for subsequent read. On reset, the 'minor revision' field is returned, for
backward-compatibility.
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
62 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com