Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 72Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 73Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 74Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 75Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 76Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 77Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 78Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 79Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 116 page
background image
Field
Function
Examples:
11111111=
8 min
00111111=
2 min
00001111=
32 sec
00000011=
8 sec
00000000=
2 sec
3.24 Power Control/Status Registers
The power registers provide the ability to monitor general power status, as well as individual power status (for those supplies that
have reporting capability). Other registers provide limited power control features (most power control is through the PMBus/I2C
interface).
3.25 Power Control 2 (PWR_CTL2)
Address
Register
Offset
PWR_CTL2
021h
Function
The PWR_CTL2 register is used to control system power-on/power-off events.
Diagram
Bits
7
6
5
4
3
2
1
0
R
PWR
W
CRST
0
0000000
Fields
Field
Function
7
PWR
Toggle System Power
0= No action.
1= On the 0-to-1 transition, toggle the system power supply. The bit must be reset to zero before additional
power cycles can occur.
Qixis interfaces which are powered from system power (as opposed to standby power) cannot power-up
the system.
6-0
-
Reserved.
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
76 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com