Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 66 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 62Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 63Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 64Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 65Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 66Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 67Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 68Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 69Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 116 page
background image
Diagram
Bits
7
6
5
4
3
2
1
0
R
BBOX
ALARMED
ALTERED
ASLEEP
W
NONE
000
~SW4[5]
0
0
0
0
Fields
Field
Function
7-5
-
Reserved.
4
BBOX
BootBox Mode Selected:
0= The system operates normally.
1= The system operates in the special BootBox mode. The PASS and FAIL LEDs can be controlled
independently, and the watchdog defaults to enabled and 2 seconds.
3
ALARMED
Alarm Status:
0= The system has no active alarms.
1= The system has an active alarms and is asserting FAIL.
2
ALTERED
Reconfiguration Active:
0= The system has been configured as normal.
1= The system has been reconfigured by software.
1
ASLEEP
ASLEEP Reporting:
0= At least one core is actively operating.
1= All cores are in sleep mode.
0
-
Reserved.
3.13 Alarm (ALARM)
Address
Register
Offset
ALARM
00Ah
Function
The ALARM register detects and reports any alarms raised in the QIXIS system.
Write 1 to an ALARM register bit to prevent Qixis from recognizing that alarm condition. By default, all alarms are handled.
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
66 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com