Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 79Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 80Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 81Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 82Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 83Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 84Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 85Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 86Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
Table continued from the previous page...
Field
Function
-
3-0
ID
System Clock ID = 0000 (NONE)
CLK0= SYSCLK is fixed on this system.
3.33 Reset Control Registers
The reset control register group handles reset behavior configuration and general monitoring of resets.
3.34 Reset Control (RST_CTL)
Address
Register
Offset
RST_CTL
040h
Function
The RST_CTL register is used configure or trigger reset actions.
Diagram
Bits
7
6
5
4
3
2
1
0
R
REQMD
RST
W
CRST
00
SW1[5]
000
0
Fields
Field
Function
7-6
-
Reserved.
5-4
REQMD
00= Disabled - do nothing.
01= Loopback - assert HRESET_B to DUT, but do not run internal reset sequencer.
10= reserved
11= Normal - assert PORESET_B to DUT and run internal reset sequencer.
SW1[5] selects between disabled mode (00) and normal mode (11), other modes can only be set via
software.
Note: Software cannot change this field if SW1[5] is 0.
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
83 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com