Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 48Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 49Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 50Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 51Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 52Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 53Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 54Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 55Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
Figure 31. Configuration sampling
Note that switches cause a short to ground when closed. To make it easier to set and read switches, values are inverted in the
CPLD, so that when a switch is on, the value used is 1.
All switches can be read from software to easily determine the system configuration for reporting purposes (see the "Core
Management Space Registers" section of the "CPLD Programming Model" chapter).
The table below describes the LX2160A reset configuration signals.
Table 27. Processor configuration settings
Configuration signal
LX2160A primary
signal
DIP switch
CPLD register
Description
CFG_RCW_SRC3
CLK_OUT
SW1[1:4]
DUTCFG0[3:0]
Specifies RCW fetch location
CFG_RCW_SRC2
ASLEEP
CFG_RCW_SRC1
UART1_SOUT
CFG_RCW_SRC0
UART2_SOUT
CFG_SVR[0:1]
XSPI1_A_CS[0:1]_B SW3[2:3]
DUTCFG2[2:1]
Silicon variations
TEST_SEL_B1
TEST_SEL_B
SW3[1]
DUTCFG2[0]
Silicon variations
CFG_ENG_USE0
XSPI1_A_SCK
SW2[6]
DUTCFG11[7]
Specifies whether extended DDR
reset timing or standard DDR reset
timing is used
CFG_ENG_USE1
UART1_RTS_B
SW2[7]
DUTCFG11[6]
Undefined option
CFG_ENG_USE2
UART2_RTS_B
SW2[8]
DUTCFG11[5]
Specifies whether DDRCLK pin or
differential SYSCLK is used to clock
DDR
CFG_SOC_USE
USB1_DRVVBUS
SW3[4]
DUTCFG6[0]
Undefined option
CFG_GPIN[7:6]
SDHC2_DAT[3:2]
SW4[7:8]
DUTCFG12[7:6]
User defined
TBSCAN_EN_B
TBSCAN_EN_B
SW4[4]
Controls whether the JTAG operates
in Boundary Scan or Debug mode
1. TEST_SEL_B is a static signal (constantly driven), unlike most other processor configuration signals.
All other configuration signals are static and unrelated to the processor. The following table summarizes these configuration
signals.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
52 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com