Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 28Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 29Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 30Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 31Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 32Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 33Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 34Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 35Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
Table 16. USB ports
USB port
Connector type
Location
Supported modes
USB1
Type A
Front panel
• Host mode: Jumper J31 is shorted (default mode)
• Device mode: Jumper J31 is open
USB2
Micro-AB
Front panel
• Host mode: Jumper J33 is shorted
• OTG mode: Jumper J33 is open (default mode)
As described in the table above, operating modes for USB1 and USB2 ports are controlled through the J31 and J33 jumpers,
respectively.
The figure below shows the architecture of the LX2160ARDB USB interface.
10K
10
LX2160A
5V0
USB
3.0
type A
USB1_DRVVBUS
USB1_RESREF
USB1_PWRFAULT
USB1_VBUS
“USB1”
90
W diff. imp.
USB1_D_[P,M]
USB1_ID
USB1_TX_[P,M]
USB1_RX_[P,M]
<=2A
<=2A
USB1
NX5P3090
USB1
MODE
5V0
USB2_DRVVBUS
USB2_RESREF
USB2_PWRFAULT
USB2_VBUS
“USB2”
90
W diff. imp.
USB2_DP,DM
USB2_ID
USB2_TXP,TXM
USB2_RXP,RXM
<=2A
<=2A
USB2
NX5P3090
USB2
MODE
USB3.0
VERTICAL
RIGHT-ANGLE
USB
3.0
micro-
AB
10K
10
NOTE: For new designs, insert a
30.1k ohm resistor in series with
USBx_VBUS. See LX2160ARDB
board errata E-00011 for details.
Figure 19. USB architecture
The USBx_DRVVBUS and USBx_PWRFAULT pins of each USB controller are connected to a programmable-current USB switch,
NX5P3090UK (from NXP), for individual port management. The USB switch is powered from +5 V USB power supply. The
USB1_DRVVBUS/USB2_DRVVBUS signal controls the VBUS drive for USB1/USB2 port. The USB1_PWRFAULT/
USB2_PWRFAULT signal gets power fault indications through the USB switch. The maximum allowed current consumption of a
USB connected device is 2 A per channel.
For new board designs based on the LX2160A processor, insert a 30.1 kΩ (±1%) resistor in series with
USB1_VBUS and USB1_VBUS each. For more details, see erratum E-00011 in
QorIQ LX2160A Reference Design
Board Errata.
NOTE
Each USB connector has an LED nearby, USB1_5V and USB2_5V, which are active when the +5 V USB power supply is enabled.
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
32 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com