Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 19Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 20Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 21Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 22Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 23Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 24Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 25Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 26Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
23
Reserved
R/W
0x19-
0x1C
—
Reserved, reads return
0x00
TRANSIENT_CFG(1)(4)
R/W
0x1D
0x1A
0x00
Transient function
configuration
TRANSIENT_SRC(1)(2)
R
0x1E
0x1B
0x00
Transient event status
register
TRANSIENT_THS(1)(3)
R/W
0x1F
0x1C
0x00
Transient event
threshold
TRANSIENT_COUNT(1)(3)
R/W
0x20
0x1D
0x00
Transient debounce
counter
PULSE_CFG(1)(4)
R/W
0x21
0x22
0x00
Pulse function
configuration
PULSE_SRC(1)(2)
R
0x22
0x23
0x00
Pulse function source
register
PULSE_THSX(1)(3)
R/W
0x23
0x24
0x00
X-axis pulse threshold
PULSE_THSY(1)(3)
R/W
0x24
0x25
0x00
Y-axis pulse threshold
PULSE_THSZ(1)(3)
R/W
0x25
0x26
0x00
Z-axis pulse threshold
PULSE_TMLT(1)(4)
R/W
0x26
0x27
0x00
Time limit for pulse
detection
PULSE_LTCY(1)(4)
R/W
0x27
0x28
0x00
Latency time for
second pulse detection
PULSE_WIND(1)(4)
R/W
0x28
0x29
0x00
Window time for
second pulse detection
ASLP_COUNT(1)(4)
R/W
0x29
0x2A
0x00
In activity counter
setting for Auto-Sleep
CTRL_REG1(1)(4)
R/W
0x2A
0x2B
0x00
System ODR,
accelerometer OSR,
operating mode
CTRL_REG2(1)(4)
R/W
0x2B
0x2C
0x00
Self-Test, Reset,
accelerometer OSR and
Sleep mode settings
CTRL_REG3(1)(4)
R/W
0x2C
0x2D
0x00
Sleep mode interrupt
wake enable, interrupt
polarity, push-pull/open-
drain configuration
CTRL_REG4(1)(4)
R/W
0x2D
0x2E
0x00
Interrupt enable register
CTRL_REG5(1)(4)
R/W
0x2E
0x2F
0x00
Interrupt pin (INT1/INT2)
map
OFF_X(1)(4)
R/W
0x2F
0x30
0x00
X-axis accelerometer
offset adjust
OFF_Y(1)(4)
R/W
0x30
0x31
0x00
Y-axis accelerometer
offset adjust
OFF_Z(1)(4)
R/W
0x31
0x0D
0x00
Z-axis accelerometer
offset adjust
M_DR_STATUS
R
0x32
0x00
Magnetic data ready
M_OUT_X_MSB(1)(5)
R
0x33
Data
MSB of 16-bit magnetic
data for X-axis
M_OUT_X_LSB(1)(5)
R
0x34
Data
LSB of 16-bit magnetic
data for X-axis
M_OUT_Y_MSB(1)(5)
R
0x35
Data
MSB of 16-bit magnetic
data for Y-axis
M_OUT_Y_LSB(1)(5)
R
0x36
Data
LSB of 16-bit magnetic
data for Y-axis
M_OUT_Z_MSB(1)(5)
R
0x37
Data
MSB of 16-bit magnetic
data for Z-axis
M_OUT_Z_LSB(1)(5)
R
0x38
Data
LSB of 16-bit magnetic
data for Z-axis
Table 14. Register Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com