Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 20Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 21Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 22Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 23Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 24Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 25Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 26Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 27Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
Sensors
24
Freescale Semiconductor, Inc.
CMP_X_MSB(1)(5)
R
0x39
Data
Bits [13:8] of integrated
X-axis accerleration
data
CMP_X_LSB(1)(5)
R
0x3A
Data
Bits [7:0] of integrated X-
axis accerleration data
CMP_Y_MSB(1)(5)
R
0x3B
Data
Bits [13:8] of integrated
Y-axis accerleration
data
CMP_Y_LSB(1)(5)
R
0x3C
Data
Bits [7:0] of integrated Y-
axis accerleration data
CMP_Z_MSB(1)(5)
R
0x3D
Data
Bits [13:8] of integrated
Z-axis accerleration
data
CMP_Z_LSB(1)(5)
R
0x3E
Data
Bits [7:0] of integrated Z-
axis accerleration data
M_OFF_X_MSB(6)
R/W
0x3F
0x00
MSB of magnetometer
of X-axis offset
M_OFF_X_LSB(6)
R/W
0x40
0x00
LSB of magnetometer of
X-axis offset
M_OFF_Y_MSB(6)
R/W
0x41
0x00
MSB of magnetometer
of Y-axis offset
M_OFF_Y_LSB(6)
R/W
0x42
0x00
LSB of magnetometer of
Y-axis offset
M_OFF_Z_MSB(6)
R/W
0x43
0x00
MSB of magnetometer
of Z-axis offset
M_OFF_Z_LSB(6)
R/W
0x44
0x00
LSB of magnetometer of
Z-axis offset
MAX_X_MSB(1)(6)
R
0x45
Data
Magnetometer X-axis
maximum value MSB
MAX_X_LSB(1)(6)
R
0x46
Data
Magnetometer X-axis
maximum value LSB
MAX_Y_MSB(1)(6)
R
0x47
Data
Magnetometer Y-axis
maximum value MSB
MAX_Y_LSB(1)(6)
R
0x48
Data
Magnetometer Y-axis
maximum value LSB
MAX_Z_MSB(1)(6)
R
0x49
Data
Magnetometer Z-axis
maximum value MSB
MAX_Z_LSB(1)(6)
R
0x4A
Data
Magnetometer Z-axis
maximum value LSB
MIN_X_MSB(1)(6)
R
0x4B
Data
Magnetometer X-axis
minimum value MSB
MIN_X_LSB(1)(6)
R
0x4C
Data
Magnetometer X-axis
minimum value LSB
MIN_Y_MSB(1)(6)
R
0x4D
Data
Magnetometer Y-axis
minimum value MSB
MIN_Y_LSB(1)(6)
R
0x4E
Data
Magnetometer Y-axis
minimum value LSB
MIN_Z_MSB(1)(6)
R
0x4F
Data
Magnetometer Z-axis
minimum value MSB
MIN_Z_LSB(1)(6)
R
0x50
Data
Magnetometer Z-axis
minimum value LSB
TEMP(1)
R
0x51
Data
Device temperature,
valid range of -128 to
127° C
M_THS_CFG(1)(4)
R/W
0x52
0x00
Magnetic threshold
detection function
configuration
M_THS_SRC(1)(2)
R
0x53
Data
Magnetic threshold
event source register
Table 14. Register Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com