Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 24Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 25Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 26Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 27Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 28Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 29Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 30Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 31Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
Sensors
28
Freescale Semiconductor, Inc.
9.1.3
F_STATUS (0x00) register
FIFO Status when STATUS > 0x00.
If the FIFO subsystem data output register driver is enabled, the status register indicates the current status information of the
FIFO subsystem.
The f_ovf and f_wmrk_flag flags remain asserted while the event source is still active, but the user can clear the FIFO interrupt
bit flag in the interrupt source register (INT_SOURCE) by reading the F_STATUS register. In this case, the
INT_SOURCE[src_fifo] bit will be set again when the next data sample enters the FIFO.
Therefore the f_ovf bit flag will remain asserted while the FIFO has overflowed and the f_wmrk_flag bit flag will remain asserted
while the f_cnt value is equal to or greater than then f_wmrk value.
xow
xow is set to 1 whenever a new X-axis acquisition is completed before the retrieval of the previous data. When this occurs the
previous data is overwritten. xow is cleared anytime OUTX_MSB register is read.
X-axis data overwrite.
0: No data overwrite has occurred
1: Previous X-axis data was overwritten by new X-axis data before it was read
zyxdr
zyxdr signals that a new acquisition for any of the enabled channels is available. zyxdr is cleared when the high-bytes of the
acceleration data (OUTX_MSB, OUTY_MSB, OUTZ_MSB) are read.
X, Y, Z-axis new data ready.
0: No new set of data ready
1: New set of data is ready
zdr
zdr is set to 1 whenever a new Z-axis data acquisition is completed. zdr is cleared anytime the OUTZ_MSB register is read.
Z-axis new data available.
0: No new Z-axis data is ready
1: New Z-axis data is ready
ydr
ydr is set to 1 whenever a new Y-axis data acquisition is completed. ydr is cleared anytime the OUTY_MSB register is read.
Y-axis new data available. Default value: 0
0: No new Y-axis data ready
1: New Y-axis data is ready
xdr
xdr is set to 1 whenever a new X-axis data acquisition is completed. xdr is cleared anytime the OUTX_MSB register is read.
X-axis new data available. Default value: 0
0: No new X-axis data ready
1: New X-axis data is ready
f_ovf
f_wmrk_flag
f_cnt[5:0]
00
0
Figure 12. F_STATUS register
Table 17. FIFO flag event descriptions
f_ovf
f_wmrk_flag
Event description
0
X
No FIFO overflow events detected.
1
X
FIFO overflow event detected.
X
0
No FIFO watermark event detected.
X1
A FIFO Watermark event was detected indicating that a FIFO sample count greater than watermark
value has been reached.
If F_SETUP[f_mode] = 0b11, a FIFO trigger event was detected
Table 16. DR_STATUS description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com