Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 49Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 50Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 51Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 52Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 53Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 54Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 55Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 56Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
53
9.10.3
A_VECM_THS_LSB (0x61) register
9.10.4
A_VECM_CNT (0x62) register
The debounce timer period is determined by the ODR selected in CTRL_REG1. For example, in accelerometer only mode with
an ODR of 100 Hz and a_vecm_cnt = 15, the debounce time is set at 150 ms. When operating in hybrid mode, the effective ODR
is reduced by a factor of two, making the debounce time 300 ms for this example.
Table 56. A_VECM_THS_MSB bit descriptions
Field
Description
a_vecm_dbcntm
Control bit a_vecm_dbcntm defines how the debounce timer is reset when the condition for triggering the interrupt is
no longer true.
When a_vecm_dbcntm = 0 the debounce counter is decremented by 1 when the vector magnitude result is below the
programmed threshold value.
When a_vecm_dbcntm = 1 the debounce counter is cleared when the vector magnitude result is below the
programmed threshold value.
a_vecm_ths[12:8]
Five MSBs of the 13-bit unsigned A_VECM_THS value. The resolution is equal to the selected accelerometer
resolution set in XYZ_DATA_CFG[fs]
a_vecm_ths[7:0]
0b00000000
Figure 58. A_VECM_THS_LSB register
a_vecm_cnt[7:0]
0b00000000
Figure 59. A_VECM_CNT register
Table 57. A_VECM_CNT bit description
Field
Description
a_vecm_cnt[7:0]
Vector magnitude function debounce count value.
Table 58. A_VECM_CNT relationship with selected ODR and power mode
ODR (Hz)
Max time range (s)
Time Step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.318
0.318
0.318
0.318
1.25
1.25
1.25
1.25
400
0.318
0.318
0.318
0.638
1.25
1.25
1.25
2.5
200
0.638
0.638
0.318
1.276
2.5
2.5
1.25
5
100
1.276
1.276
0.318
2.56
5
5
1.25
10
50
2.56
2.56
0.318
5.1
10
10
1.25
20
12.5
2.56
10.2
0.318
20.4
10
40
1.25
80
6.25
2.56
20.4
0.318
40.8
10
80
1.25
160
1.56
2.56
81.6
0.318
163.2
10
320
1.25
640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com