Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 53Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 54Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 55Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 56Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 57Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 58Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 59Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 60Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
57
When TRANSIENT_CFG[tran_ele] = 1, the TRANSIENT_SRC event flag(s) and polarity bits are latched when the interrupt event
is triggered, allowing the host application to determine which event flag(s) originally triggered the interrupt. When
TRANSIENT_CFG[tran_ele] = 0, events which occur after the event that originally triggered the interrupt will update the flag and
polarity bits, but once set, the flags can only be cleared by reading the TRANSIENT_SRC register.
9.11.3
TRANSIENT_THS (0x1F) register
The TRANSIENT_THS register determines the debounce counter behavior and also sets the transient event detection
threshold.It is possible to use A_FFMT_THS_X/Y/Z MSB and LSB registers to set transient acceleration thresholds for individual
axes via a_ffmt_trans_ths_en bit in A_FFMT_THS_Y_MSB register. Please see Section 9.9.3 for more details.
The tr_ths[6:0] value is a 7-bit unsigned number, with a fixed resolution of 63 mg/LSB corresponding to a ±8g measurement
range. The resolution does not change with the full-scale range setting made in XYZ_DATA_CFG[fs]. If CTRL_REG1[lnoise] = 1,
the measurement range is fixed at ±4g, regardless of the settings made in XYZ_DATA_CFG.
9.11.4
TRANSIENT_COUNT (0x20) register
The TRANSIENT_COUNT register sets the minimum number of debounce counts needed to trigger the transient event interrupt
flag when the measured acceleration value exceeds the threshold set in TRANSIENT_THS for any of the enabled axes.
The time step for the transient detection debounce counter is set by the value of the system ODR and power mode as shown in
Table 68. When the device is operated in hybrid mode, the effective ODR is half of what is selected in CTRL_REG1, which also
doubles the time-step values shown in Table 68.
tr_dbcntm
tr_ths[6:0]
0
0b0000000
Figure 68. TRANSIENT_THS register
Table 67. TRANSIENT_THS bit descriptions
Field
Description
tr_dbcntm
Debounce counter mode selection.
0: Decrements debounce counter when the transient event condition is not true during the current ODR period.
1: Clears debounce counter when the transient event condition is not true during the current ODR period.
tr_ths[6:0]
Transient event threshold. This register has a resolution of 63mg/LSB regardless of the full-scale range setting made in
XYZ_DATA_CFG[fs]. If CTRL_REG1[lnoise] = 1, the maximum acceleration measurement range is ±4g.
tr_count[7:0]
0b00000000
Figure 69. TRANSIENT_COUNT register
Table 68. TRANSIENT_COUNT bit description
Field
Description
tr_count[7:0)
Transient function debounce count value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com