Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 54Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 55Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 56Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 57Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 58Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 59Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 60Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 61Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
Sensors
58
Freescale Semiconductor, Inc.
An ODR of 100 Hz and a TRANSIENT_COUNT value of 15 would result in minimum debounce response time of 150 ms. When
the device is operated in hybrid mode, these settings would result in an effective debounce time of 300 ms.
9.12
Pulse detection
9.12.1
PULSE_CFG (0x21) register
This register configures the pulse event detection function.
Table 69. TRANSIENT_COUNT relationship with the ODR
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
40.8
0.638
40.8
20
160
2.5
160
1.56
5.1
163
0.638
163
20
640
2.5
640
pls_dpa
pls_ele
pls_zdpefe
pls_zspefe
pls_ydpefe
pls_yspefe
pls_xdpefe
pls_xspefe
00000000
Figure 70. PULSE_CFG register
Table 70. PULSE_CFG bit descriptions
Field
Description
pls_dpa
Double pulse abort.
0: Double pulse detection is not aborted if the start of a pulse is detected during the time period specified by the
PULSE_LTCY register.
1: Setting the pls_dpa bit momentarily suspends the double tap detection if the start of a pulse is detected during the
time period specified by the PULSE_LTCY register and the pulse ends before the end of the time period specified by
the PULSE_LTCY register.
pls_ele
Pulse event flag latch enable. When enabled, a read of the PULSE_SRC register is needed to clear the event flag.
0: Event flag latch disabled
1: Event flag latch enabled
pls_zdpefe
Event flag enable on double pulse event on Z-axis.
0: Event detection disabled
1: Raise event flag on detection of double pulse event on Z-axis
pls_zspefe
Event flag enable on single pulse event on Z-axis.
0: Event detection disabled
1: Raise event flag on detection of single pulse event on Z-axis
pls_ydpefe
Event flag enable on double pulse event on Y-axis.
0: Event detection disabled
1: Raise event flag on detection of double pulse event on Y-axis
pls_yspefe
Event flag enable on single pulse event on Y-axis.
0: Event detection disabled
1: Raise event flag on detection of single pulse event on Z-axis.
pls_xdpefe
Event flag enable on double pulse event on X-axis.
0: Event detection disabled
1: Raise event flag on detection of double pulse event on X-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com