Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 32Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 33Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 34Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 35Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 36Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 37Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 38Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 39Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
Sensors
36
Freescale Semiconductor, Inc.
Figure 22. Interrupt controller block diagram
The system’s interrupt controller uses the corresponding bit field in the CTRL_REG5 register to determine the routing for the INT1
and INT2 interrupt pins. For example, if the int_cfg_drdy bit value is logic ‘0’ the functional block’s interrupt is routed to INT2, and
if the bit value is logic ‘1’ then the interrupt is routed to INT1. All interrupt signals routed to either INT1 or INT2 are logically ored
together as illustrated in Figure 23, thus one or more functional blocks can assert an interrupt pin simultaneously; therefore a
host application responding to an interrupt should read the INT_SOURCE register to determine the appropriate sources of the
interrupt(s).
Figure 23. INT1/INT2 PIN Control Logic
9.2
Auto-Sleep trigger
9.2.1
ASLP_COUNT (0x29) register
The ASLP_COUNT register sets the minimum time period of event flag inactivity required to initiate a change from the current
active mode ODR value specified in CTRL_REG1[dr] to the Sleep mode ODR value specified in CTRL_REG1[aslp_rate],
provided that CTRL_REG2[slpe] = 1.
See Table 32 for functional blocks that may be monitored for inactivity in order to trigger the return-to-sleep event.
INTERRUPT
CONTROLLER
Data Ready
Freefall/Motion Detection
Pulse Detection
Orientation Detection
Transient Acceleration Detection
Auto-Sleep
INT ENABLE
INT CFG
INT1
INT2
99
Acceleration Vector Magnitude
Magnetic Vector Magnitude
Magnetic Threshold Detection
FIFO Interrupt
INT1
INT2
SRC_RTS
SRC_FIFO
SRC_PULSE
SRC_FF_MT
OR
OR
SRC_DRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com