Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 67Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 68Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 69Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 70Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 71Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 72Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 73Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 74Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
71
9.16.3
M_THS_X_MSB (0x54), M_THS_X_LSB (0x55), M_THS_Y_MSB (0x56), M_THS_Y_LSB
(0x57), M_THS_Z_MSB (0x58), M_THS_Z_LSB (0x59) registers
The M_THS_X/Y/Z registers contain the unsigned 15-bit magnetic thresholds used by the magnetic threshold function. Each
register has a resolution of 0.1
μT/LSB. The thresholds are evaluated after the magnetic data has been adjusted by the offset
value stored in the M_OFF_X/Y/Z registers when M_CTRL_REG3[m_raw] = 0.
m_ths_xhp
X-high event polarity flag.
0: X event detected was positive polarity
1: X event detected was negative polarity.
This bit always reads zero if the m_ths_xefe control bit is set to zero
m_ths_dbcntm
m_ths_x[14:8]
0
0b0000000
Figure 115. M_THS_X_MSB register
Table 90. M_THS_X_MSB bit descriptions
Field
Description
m_ths_dbcntm
The m_ths_dbcntm bit configures the way in which the debounce counter is reset when the magnetic event of interest is
momentarily not true.
When m_ths_dbcntm = 1, the debounce counter is cleared to 0 whenever the magnetic event of interest is no longer true.
When m_ths_dbcntm = 0, the debounce counter is decremented by 1 whenever the magnetic event of interest is no
longer true.
m_ths_x[14:8]
Upper 7 bits of the 15-bit unsigned X-axis magnetic threshold.
m_ths_x[7:0]
0b00000000
Figure 116. M_THS_X_LSB register
—
m_ths_y[14:8]
0
0b0000000
Figure 117. M_THS_Y_MSB register
m_ths_y[7:0]
0b00000000
Figure 118. M_THS_Y_LSB register
N/A
m_ths_z[14:8]
0
0b0000000
Figure 119. M_THS_Z_MSB register
Table 89. M_THS_SRC bit descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com