Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 76Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 77Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 78Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 79Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 80Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 81Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 82Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 83Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
Sensors
80
Freescale Semiconductor, Inc.
10
Mounting Guidelines for the Quad Flat No Lead (QFN) Package
Printed Circuit Board (PCB) layout is a critical portion of the total design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface between the PCB and the package. With the correct footprint, the
packages will self-align when subjected to a solder reflow process.
These guidelines are for soldering and mounting the Quad Flat No-Lead (QFN) package inertial sensors to PCBs. The purpose
is to minimize the stress on the package after board mounting. The FXOS8700CQ uses the QFN package platform. This section
describes suggested methods of soldering these devices to the PCB for consumer applications.
10.1
Overview of soldering considerations
Information provided here is based on experiments executed on QFN devices. They do not represent exact conditions present
at a customer site. Hence, information herein should be used for guidance only and process and design optimizations are
recommended to develop an application specific solution. It should be noted that with the proper PCB footprint and solder stencil
designs, the package will self-align during the solder reflow process.
10.2
Halogen content
This package is designed to be Halogen Free, exceeding most industry and customer standards. Halogen Free means that no
homogeneous material within the assembly package shall contain chlorine (Cl) in excess of 700 ppm or 0.07% weight/weight or
bromine (Br) in excess of 900 ppm or 0.09% weight/weight.
10.3
PCB mounting recommendations
1.
The PCB land should be designed with Non-Solder Mask Defined (NSMD) as shown in Figure 138 and Figure 139
2.
No additional via pattern underneath package.
3.
PCB land pad is 0.8 mm by 0.3 mm as shown in Figure 138 and Figure 139.
4.
Solder mask opening = PCB land pad edge + 0.113 mm larger all around.
5.
Stencil opening = PCB land pad -0.015 mm smaller all around = 0.77 mm by 0.27 mm.
6.
Stencil thickness is 100 or 125
μm.
7.
Do not place any components or vias at a distance less than 2 mm from the package land area. This may cause
additional package stress if it is too close to the package land area.
8.
Signal traces connected to pads are as symmetric as possible. Put dummy traces on NC pads in order to have same
length of exposed trace for all pads.
9.
Use a standard pick and place process and equipment. Do not use a hand soldering process.
10. Do not use a screw down or stacking to fix the PCB into an enclosure because this could bend the PCB, putting stress
on the package.
11. The PCB should be rated for the multiple lead-free reflow condition with max 260°C temperature.
12. No copper traces on top layer of PCB under the package. This will cause planarity issues with board mount. Freescale
QFN sensors are compliant with Restrictions on Hazardous Substances (RoHS), having halide-free molding
compound (green) and lead-free terminations. These terminations are compatible with tin-lead (Sn-Pb) as well as tin-
silver-copper (Sn-Ag-Cu) solder paste soldering processes. Reflow profiles applicable to those processes can be used
successfully for soldering the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com