Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 59Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 60Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 61Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 62Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 63Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 64Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 65Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 66Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
63
9.13
Accelerometer offset correction
The 8-bit 2’s complement offset correction registers are used to realign the zero-g position of the X, Y, and Z axes after device
board mount. The resolution of the offset registers is 2 mg per LSB, with an effective offset adjustment range of -256 mg to +254
mg for each axis.
For more information on how to calibrate the 0g offset, please refer to Freescale application note AN4069.
9.13.1
OFF_X (0x2F) register
9.13.2
OFF_Y (0x30) register
9.13.3
OFF_Z (0x31) register
Table 83. Time step for PULSE detection window @ ODR and power mode LPF_EN = 1
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.318
0.318
0.318
0.318
1.25
1.25
1.25
1.25
400
0.318
0.318
0.318
0.638
1.25
1.25
1.25
2.5
200
0.638
0.638
0.318
1.276
2.5
2.5
1.25
5
100
1.276
1.276
0.318
2.56
5
5
1.25
10
50
2.56
2.56
0.318
5.1
10
10
1.25
20
12.5
2.56
10.2
0.318
20.4
10
40
1.25
80
6.25
2.56
20.4
0.318
40.8
10
80
1.25
160
1.56
2.56
81.6
0.318
163.2
10
320
1.25
640
Figure 78. OFF_X register
off_x[7:0]
0b00000000
Table 84. OFF_X bit description
Field
Description
off_x[7:0]
X-axis offset correction value expressed as an 8-bit 2's complement number.
off_y[7:0]
0b00000000
Figure 79. OFF_Y register
Table 85. OFF_Y bit description
Field
Description
off_y[7:0]
Y-axis offset correction value expressed as an 8-bit 2's complement number.
off_z[7:0]
0b00000000
Figure 80. OFF_Z register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com