Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 46Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 47Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 48Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 49Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 50Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 51Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 52Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 53Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
Sensors
50
Freescale Semiconductor, Inc.
Figure 53. A_FFMT_THS high and low-g level
A_FFMT_THS contains the unsigned 7-bit threshold value used by the freefall/motion detection functional block and is used to
detect either low-g (freefall) or high-g (motion) events depending on the setting of G_FFMT_CFG[f_ffmt_oae]. If g_ffmt_oae = 0,
the event is detected when the absolute value of all the enabled axes are below the threshold value. When g_ffmt_oae = 1, the
event is detected when the absolute value of any of the enabled axes is above the threshold value (see Figure 53 for an
illustration of the freefall/motion event detection thresholds). If A_FFMT_THS_X_MSB[a_ffmt_ths_xyz_en] = 1, the behavior is
identical, except that each axis may be programmed with an individual 13-bit threshold (stored in the A_FFMT_X/Y/Z MSB and
LSB registers).
9.9.4
A_FFMT_COUNT (0x18) register
Debounce count register for freefall/motion detection events
This register sets the number of debounce counts for acceleration sample data matching the user programmed conditions for
either a freefall or motion detection event required before the interrupt is triggered.
When the internal debounce counter reaches the A_FFMT_COUNT value a freefall/motion event flag is set. The debounce
counter will never increase beyond the A_FFMT_COUNT value. The time step used for the debounce sample count depends on
the ODR chosen (see Table 53). When the device is operated in hybrid mode, the effective ODR is half of what is selected in
CTRL_REG1. This has the effect of doubling the time-step values shown in Table 53.
a_ffmt_ths_z[5:0]
—
—
0b000000
0
0
Figure 52. A_FFMT_THS_Z_LSB (0x78) register
a_ffmt_count[7:0]
0b00000000
Figure 54. A_FFMT_COUNT register
Table 53. A_FFMT_COUNT bit description
Field
Description
a_ffmt_count[7:0]
a_ffmt_count defines the minimum number of debounce sample counts required for the detection of a freefall or motion
event. A_FFMT_THS[ffmt_dbcntm] determines the behavior of the counter when the condition of interest is momentarily
not true.
+Full Scale
High-g Positive Threshold
Low-g Threshold
High-g Negative Threshold
-Full Scale
X, Y, Z High-g Region
X, Y, Z High-g Region
X, Y, Z Low-g Region
Negative
Positive
Acceleration
Acceleration
(Motion OR of enabled axes)
(Freefall - AND of enabled axes)
(Motion - OR of enabled axes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com