Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 63Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 64Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 65Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 66Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 67Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 68Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 69Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 70Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
67
9.14.5
MIN_X_MSB (0x4B), MIN_X_LSB (0x4C), MIN_Y_MSB (0x4D), MIN_Y_LSB (0x4E),
MIN_Z_MSB (0x4F), MIN_Z_LSB (0x50) registers
The magnetometer MIN_X/Y/Z registers are 16-bit 2's complement format with a resolution of 0.1
μT/LSB. The registers are read/
write and along with the MAX_X/Y/Z registers are used to calculate the magnetic offset for each axis using the equation (MAX_X/
Y/Z + MIN_X/Y/Z) /2 when M_CTRL_REG2[maxmin_dis] = 0 (default).
When M_CTRL_REG1[m_acal] = 1 (default 0), the MAG_OFF_X/Y/Z registers are automatically updated with the calculated
offset values at the end of every measurement cycle (ODR period).
On a POR, or after setting M_CTRL_REG2[maxmin_rst] = 1, the MIN_X/Y/Z registers are loaded with the hex value 0x7FFF
(positive full scale). The host application may write to the MIN_X/Y/Z registers to change the currently used minimum values for
each axis, however, when M_CTRL_REG1[maxmin_dis] = 0 (default), the system will overwrite these values when it updates the
MIN_X/Y/Z registers at the end of the next measurement cycle (ODR period).
max_z[15:8]
0b00000000
Figure 98. MAX_Z_MSB register
max_z[7:0]
0b00000000
Figure 99. MAX_Z_LSB register
min_x[15:8]
0b00000000
Figure 100. MIN_X_MSB register
min_x[7:0]
0b00000000
Figure 101. MIN_X_LSB register
min_y[15:8]
0b00000000
Figure 102. MIN_Y_MSB register
min_y[7:0]
0b00000000
Figure 103. MIN_Y_LSB register
min_z[15:8]
0b00000000
Figure 104. MIN_Z_MSB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com