Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 68Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 69Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 70Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 71Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 72Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 73Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 74Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 75Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Sensors
72
Freescale Semiconductor, Inc.
9.16.4
M_THS_COUNT (0x5A) register
This register sets the number of debounce sample counts required before a magnetic threshold event is triggered.The behavior
of the debounce counter is controlled by M_THS_X_MSB [m_ths_dbcntm].
When the internal debounce counter reaches the M_THS_COUNT value a magnetic event flag is set. The debounce counter will
never increase beyond the M_THS_COUNT value. The time step used for the debounce sample count depends on the chosen
ODR. When hybrid mode is enabled, the effective ODR is reduced by a factor of two, which increases the debounce counter time
step by a factor of two from what is shown in Table 91.
For example, an ODR of 100 Hz and a M_THS_COUNT value of 15 would result in a debounce response time of 150 ms. In
hybrid mode, the same settings would result in a debounce response time of 300 ms.
m_ths_z[7:0]
0b00000000
Figure 120. M_THS_Z_LSB register
m_ths_cnt[7:0]
0b00000000
Figure 121. M_THS_COUNT register
Table 91. M_THS_COUNT bit description
Field
Description
m_ths_cnt[7:0]
Magnetic threshold debounce count value.
Table 92. M_THS_COUNT relationship with the ODR This table needs to be re-done for this function. Ask design during review
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High resolution
Low power
800
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
400
N/A
N/A
N/A
0.638
N/A
N/A
N/A
2.5
200
1.28
1.28
N/A
1.28
5
5
N/A
5
100
2.55
2.55
N/A
2.55
10
10
N/A
10
50
5.1
5.1
N/A
5.1
20
20
N/A
20
12.5
5.1
20.4
N/A
20.4
20
80
N/A
80
6.25
5.1
40.8
N/A
40.8
20
160
N/A
160
1.56
5.1
163
N/A
163
20
640
N/A
640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com