Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 72Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 73Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 74Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 75Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 76Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 77Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 78Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 79Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
Sensors
76
Freescale Semiconductor, Inc.
9.17.5
Magnetometer Vector Magnitude Function
The magnetometer vector magnitude function will generate an interrupt when
> M_VECM_THS value and t > M_VECM_CNT
value. Where m_x_out, m_y_out, and m_z_out are the current decimated magnetometer output values, and m_x_ref, m_y_ref,
and m_z_ref are the internally latched reference values. The user may program the M_VECM_THS and M_VECM_CNT registers
to establish the conditions needed to detect a magnetic vector magnitude change event. Depending on the values chosen for the
reference values, this function may be configured to detect a magnetic field magnitude that is above a preset threshold (with
reference values = 0), or a change in magnitude between two magnetic vectors greater than the preset threshold (with reference
values non-zero). Please note x_ref, y_ref, z_ref are stored internally and are not observable by the user through the register
interface. Please refer to Freescale application note AN4458.
9.17.6
M_VECM_CFG (0x69) register
src_m_drdy
Magnetic data-ready interrupt flag:
0: No new magnetic data is available.
1: New magnetic data is available.
—
m_vecm_ele
m_vecm_initm
m_vecm_updm
m_vecm_en
m_vecm_wake_en
m_vecm_init_en m_vecm_init_cfg
00
0
0
0
0
0
0
Figure 127. M_VECM_CFG register
Table 98. M_VECM_CFG bit descriptions
Field
Description
m_vecm_ele
Magnetic vector magnitude event latch enable:
0: Event latch disabled
1: Event latch enabled
With event latching enabled, the src_m_vecm interrupt flag may only be cleared by reading the M_INT_SRC register.
With event latching disabled, the src_m_vecm interrupt flag is updated in real time and may be cleared by the ASIC prior
to the user reading the flag.
m_vecm_initm
Magnetic vector magnitude initialization mode:
0: The ASIC uses the current magnetic output data as the initial reference values at the time the m_vecm_en bit is set.
1: The ASIC uses the data stored in the M_VECM_X/Y/Z_INIT registers as the initial reference values at the time the
m_vecm_en bit is set.
m_vecm_updm
Magnetic vector magnitude reference value update mode:
0: The function updates the reference values with the current X/Y/Z magnetic data when the event is triggered.
1: The function does not update the reference values when the event is triggered.
Setting m_vecm_initm = 1 and m_vecm_updm = 1 allows the user to manually update the reference values using the
M_VECM_INIT_X/Y/Z registers in real time when the function is enabled.
m_vecm_en
Magnetic vector magnitude function enable:
0: Function is disabled.
1: Function is enabled, the ASIC will update the internal m_x/y/z_ref registers with either the current magnetic output
data or the values stored in the M_VECM_INIT_X/Y/Z registers depending on the state of m_vecm_initm.
Note: The magnetic vector magnitude function will only function correctly up to a maximum ODR of 400 Hz.
m_vecm_wake_en
Magnetic vector magnitude wake enable:
0: The system excludes the src_m_vecm event flag when evaluating the Auto-Sleep function.
1: The system includes the src_m_vecm event flag when evaluating the Auto-Sleep function.
m_vecm_int_en
Magnetic vector magnitude interrupt enable:
0: Magnetic vector magnitude interrupt is disabled.
1: Magnetic vector magnitude interrupt is enabled.
m_vecm_init_cfg
Magnetic vector magnitude interrupt configuration:
0: Magnetic vector magnitude interrupt is output on INT2 pin.
1: Magnetic vector magnitude interrupt is output on INT1 pin.
Table 97. M_INT_SRC bit description
m_x_out
m_x_ref
–
()
2
m_y_out
m_y_ref
–
()
2
m_z_out
m_z_ref
–
()
2
++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com