Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 4Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 5Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 6Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 7Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 8Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 9Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 10Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 11Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
Sensors
8
Freescale Semiconductor, Inc.
3Terminology
3.1
Sensitivity
Sensitivity is represented in mg/LSB for the accelerometer and
μT/LSB for the magnetometer. The magnetometer sensitivity is
fixed at 0.1
μT/LSB. The accelerometer sensitivity changes with the full-scale range selected by the user. Accelerometer
sensitivity is 0.244 mg/LSB in 2g mode, 0.488 mg/LSB in 4g mode, and 0.976 mg/LSB in 8g mode.
3.2
Zero-g and Zero-Flux offset
For the accelerometer, zero-g offset (TyOff) describes the deviation of the output values from the ideal values when the sensor
is stationary.
With an accelerometer stationary on a level horizontal surface, the ideal output is 0g for the X and Y axes, and 1g
for the Z-axis. The deviation of each axes output from the ideal value is called zero-g offset. Offset is to some extent a result of
stress on the MEMS sensor and therefore the offset can slightly change after mounting the sensor onto a printed circuit board or
exposing it to extensive mechanical stress. For the magnetometer, zero-flux offset describes the deviation of the output signal
from zero when the device is shielded from external magnetic field sources (i.e. inside a zero-gauss chamber).
3.3
Self-Test
Self-Test can be used to verify the accelerometer and magnetometer transducer functionality without the need for an external
acceleration or magnetic field stimulus. When the accelerometer self-test is activated, an electrostatic actuation force is applied
to the sensor, simulating a small acceleration. In this case the sensor X, Y, Z outputs will exhibit a change in DC levels related to
the selected full-scale range (sensitivity). When self-test is activated, the device output level is given by the algebraic sum of the
signals produced by the acceleration acting on the sensor and by the electrostatic self-test force. When self-test is activated for
the magnetometer, an internal magnetic field is generated along the X, Y and Z axes. The sensor response will be the sum of
the ambient magnetic field and the self-test induced field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com