Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 52Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 53Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 54Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 55Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 56Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 57Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 58Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 59Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
Sensors
56
Freescale Semiconductor, Inc.
9.11.2
TRANSIENT_SRC (0x1E) register
Transient event flag source register. This register provides the event status of the enabled axes and polarity (directional)
information.
Table 65. TRANSIENT_ CFG bit descriptions
Field
Description
tran_ele
Transient event flag latch enable. Default value: 0
0: Event flag latch disabled: the transient interrupt flag reflects the real-time status of the function.
1: Event flag latch enabled: the transient interrupt event flag is latched and a read of the TRANSIENT_SRC register is
required to clear the event flag.
tran_zefe
Z-axis transient event flag enable. Default value: 0
0: Z-axis event detection disabled
1: Z-axis event detection enabled. Raise event flag on Z-axis acceleration value greater than threshold.
tran_yefe
Y-axis transient event flag enable. Default value: 0
0: Y-axis event detection disabled
1: Y-axis event detection enabled. Raise event flag on Y-axis acceleration value greater than threshold.
tran_xefe
X-axis transient event flag enable. Default value: 0
0: X-axis event detection disabled
1: X-axis event detection enabled. Raise event flag on X-axis acceleration value greater than threshold.
tran_hpf_byp
Transient function high-pass filter bypass. Default value: 0
0: High-pass filter is applied to accelerometer data input to the transient function.
1: High-pass filter is not applied to accelerometer data input to the transient function.
—
tran_ea
tran_zef
tran_zpol
tran_yef
tran_ypol
tran_xef
trans_xpol
0
000
0000
Figure 67. TRANSIENT_ CFG register
Table 66. TRANSIENT_SRC bit descriptions
Field
Description
tran_ea
Transient event active flag. Default value: 0
0: No transient event active flag has been asserted.
1: One or more transient event active flags has been asserted.
tran_zef
Z-axis transient event active flag. Default value: 0
0: Z-axis event flag is not active.
1: Z-axis event flag is active; Z-axis acceleration has exceeded the programmed threshold for the debounce time specified
in TRANS_COUNT.
tran_zpol
Z-axis event flag polarity.
0: Z-axis event was above positive threshold value.
1: Z-axis event was below negative threshold value.
tran_yef
Y-axis transient event active flag. Default value: 0
0: Y-axis event flag is not active.
1: Y-axis event flag is active; Y-axis acceleration has exceeded the programmed threshold for the debounce time specified
in TRANS_COUNT.
tran_ypol
Y-axis event flag polarity.
0: Y-axis event was above positive threshold value.
1: Y-axis event was below negative threshold value.
tran_xef
X-axis transient event active flag. Default value: 0
0: X-axis event flag is not active.
1: X-axis event flag is active; X-axis acceleration has exceeded the programmed threshold for the debounce time specified
in TRANS_COUNT.
tran_xpol
X-axis event flag polarity.
0: X-axis event was above positive threshold value.
1: X-axis event was below negative threshold value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com