Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 51Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 52Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 53Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 54Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 55Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 56Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 57Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 58Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
55
9.10.9
A_VECM_INITZ_MSB (0x67) register
9.10.10 A_VECM_INITZ_LSB (0x68) register
9.11
Transient (AC) acceleration detection
The transient detection function is similar to the freefall/motion detection function with the exception that a high-pass filter can be
used to eliminate the DC offset from the acceleration data. There is an option to disable the high pass filter, which causes the
transient detection function to work in a similar manner to the motion detection function.
The transient detection function can be configured to signal an interrupt when the high-pass filtered acceleration delta values for
any of the enabled axes exceeds the threshold programmed in TRANSIENT_THS for the debounce time programmed in
TRANSIENT_COUNT. For more information on how to use and configure the transient detection function please refer to
Freescale application note AN4461.
9.11.1
TRANSIENT_CFG (0x1D) register
—
—
a_vecm_initz[13:8]
0
0
0b000000
Figure 64. A_VECM_INITZ_MSB register
Table 63. A_VECM_INITZ_MSB bit description
Field
Description
a_vecm_initz[13:8]
Most significant 6 bits of the signed 14-bit initial Z-axis value to be used as ref_z when A_VECM_CFG[a_vecm_initm]
= 1. The resolution is determined by the settings made in XYZ_DATA_CFG[fs], and is equal to the accelerometer
resolution.
a_vecm_initz[7:0]
0b00000000
Figure 65. A_VECM_INITZ_LSB register
Table 64. A_VECM_INITZ_LSB bit description
Field
Description
a_vecm_initz[7:0]
LSB of the signed 14-bit initial Z-axis value to be used as ref_z when A_VECM_CFG[a_vecm_initm] = 1. The
resolution is determined by the settings made in XYZ_DATA_CFG[fs], and is equal to the accelerometer resolution.
—
—
—
tran_ele
tran_zefe
tran_yefe
tran_xefe
tran_hpf_byp
0000000
0
Figure 66. TRANSIENT_ CFG register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com