Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 78Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 79Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 80Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 81Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 82Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 83Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 84Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 85Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 86Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
85
Table 107. Revision history
Revision
number
Revision
date
Description of changes
0.1
05/2012
• Corrected Figure 1 and updated Figure 4 to include acceleration values.
0.2
05/2012
• Added Autonomous sub-bullets to first page.
• Table 2: Changed Cross-axis Max value to ±0.5 and Die-to-package alignment error Max value to ±2.
• Table 13: WHO_AM_I register, Default Hex Value numbers changed from 0xC4/0xC7 to 0xC7 removed Note 4
and 5.
• Section 9.1.7, WHO_AM_I register changed register numbers in Figure 16 from 0xC4/0xC7 to 0xC7
0.3
05/2012
• Table 2: Changed Nonlinearity values to TBD. Added Test Conditions for Noise rows.
• Table 3: Added Min values for Self-test output change for X-axis and Y-axis rows.
• Table 5: Updated ODR values for Low-power acceleration mode, Normal-acceleration mode, Hybrid mode and
Magnetic mode. Added max value for IddSTBY, Standby mode; added Typ values for VIH and VIL, all previously
TBD. Added Typ value for 25° SCL, SDA pin leakage.
• Added Section 7.5, Hybrid mode.
• Table 13:. Deleted registers 0x79, 0x7A, 0x7B and 0x7C,
• Table 50: Updated a_ffmt_ths_xyz_en description.
• Table 51: Updated a_ffmt_trans_ths_en description.
• Updated descriptive paragraph for Section 9.11.3.
• Updated descriptive paragraph for Section 9.11.4.
1
06/2012
• Changed title of document.
• Table 3: updated Note 2. Tco spec updated, Hysteresis value updated, Updated Noise values for ODR =
6.25 Hz, OS = 256 and ODR = 1.56 Hz, OS = 1024. Updated Vst X-axis Typ value from -1500 to -1320 and Z-
axis from TBD to 100.
• Table 4: Removed first 2 rows, X, Y, Z inertial alignment parameters and Typ values.
• Table 8: Added SCL, SDA pin leakage Typ value 4 nA, added SCL, SDA pin capacitance 3 pf.
• Replace Table 8 with updated parameters.
• Updated section 5.2 SPI interface characteristics.
• Table 94: updated m_st_xy[1:0] bit description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com