Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 40Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 41Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 42Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 43Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 44Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 45Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 46Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 47Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
Sensors
44
Freescale Semiconductor, Inc.
9.8.2
PL_CFG (0x11) register
This register enables the Portrait/Landscape function and sets the behavior of the debounce counter.
9.8.3
PL_COUNT (0x12) register
This register sets the debounce count for the orientation state transition. The minimum debounce latency is determined by the
system ODR value and the value of the PL_COUNT register. Any change to the system ODR or a transition from Active to
Standby (or vice-versa) resets the internal landscape/portrait internal debounce counters. When the device is operated in hybrid
mode, the effective ODR will be half of what is selected by the user, which will also affect the debounce time. For example, if an
ODR of 400 Hz is selected and the part is also in hybrid mode, the effective ODR is 200 HZ, and the effective debounce time
step is 5 ms instead of 2.5 ms
9.8.4
PL_BF_ZCOMP (0x13) register
Back/Front and Z-tilt angle compensation register
dbcntm
pl_en
—————
—
10000011
Figure 40. PL_CFG register
Table 40. PL_CFG bit descriptions
Field
Description
dbcntm
Debounce counter mode selection.
0: Decrements debounce whenever condition of interest is no longer valid.
1: Clears counter whenever condition of interest is no longer valid.
pl_en
Portrait/Landscape detection enable.
0: Portrait/Landscape detection is disabled.
1: Portrait/Landscape detection is enabled.
dbnce[7:0]
0
Figure 41. PL_COUNT register
Table 41. PL_Count Relationship with the ODR
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
40.8
0.638
40.8
20
160
2.5
160
1.56
5.1
163
0.638
163
20
640
2.5
640
bkfr[1:0]
—
—
—
zlock[2:0]
0000
0b010
Figure 42. PL_BF_ZCOMP register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com