Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 36Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 37Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 38Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 39Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 40Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 41Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 42Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 43Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
Sensors
40
Freescale Semiconductor, Inc.
A FIFO sample count exceeding the watermark event does not stop the FIFO from accepting new data.
The FIFO update rate is dictated by the selected system ODR. In Active mode the ODR is set by CTRL_REG1[dr] and when
Auto-Sleep is active, the ODR is set by CTRL_REG1[aslp_rate] bit fields.
When data is read from the FIFO buffer, the oldest sample data in the buffer is returned and also deleted from the front of the
FIFO, while the FIFO sample count is decremented by one. It is assumed that the host application will use the I2C or SPI burst
read transactions to dump the FIFO contents. If the FIFO X, Y, and Z data is not completely read in one burst read transaction,
the next read will start at the next FIFO location X-axis data. If the Y or Z data is not read out in the same burst transaction as
the X-axis data, it will be lost.
In Trigger mode, the FIFO is operated as a circular buffer and will contain up to the 32 most recent acceleration data samples.
The oldest sample is discarded and replaced by the current sample, until a FIFO trigger event occurs. After a trigger event occurs,
the FIFO will continue to accept samples only until overflowed, after which point the newest sample data is discarded. For more
information on using the FIFO buffer and the various FIFO operating modes, please refer to Freescale application note AN4073.
9.6
Accelerometer sensor data configuration
9.6.1
XYZ_DATA_CFG (0x0E) register
The XYZ_DATA_CFG register is used to configure the desired acceleration full-scale range, and also to select whether the output
data is passed through the high-pass filter.
Table 34. F_SETUP bit descriptions
Field
Description
f_mode[1:0](1)(2)(3)
1. This bit field can be written in Active mode.
2. This bit field can be written in Standby mode.
3. The FIFO mode (f_mode) cannot be switched between operational modes (01, 10 and 11).
FIFO buffer operating mode.
00: FIFO is disabled.
01: FIFO contains the most recent samples when overflowed (circular buffer). Oldest sample is discarded to be replaced
by new sample.
10: FIFO stops accepting new samples when overflowed.
11: FIFO trigger mode.
The FIFO is flushed whenever the FIFO is disabled, during an automatic ODR change (Auto-Wake/Sleep), or on a
transition from Standby mode to Active mode.
Disabling the FIFO (f_mode = 0b00) resets the F_STATUS[f_ovf], F_STATUS[f_wmrk_flag], F_STATUS[f_cnt] status flags
to zero.
A FIFO overflow event (i.e. F_STATUS[f_cnt] = 32) will assert the F_STATUS[f_ovf] flag.
f_wmrk[5:0](2)
FIFO sample count watermark.
These bits set the number of FIFO samples required to trigger a watermark interrupt. A FIFO watermark event flag
F_STATUS[f_wmk_flag] is raised when FIFO sample count F_STATUS[f_cnt] value is equal to or greater than the
f_ wmrk watermark.
Setting the f_wmrk to 0b000000 will disable the FIFO watermark event flag generation.
This field is also used to set the number of pre-trigger samples in trigger mode (f_mode = 0b11).
—
—
—
hpf_out
—
—
fs[1:0]
000000
0
Figure 34. XYZ_DATA_CFG register
Table 35. XYZ_DATA_CFG bit descriptions
Field
Description
hpf_out
Enable high-pass filter on acceleration output data
1: Output data is high-pass filtered
0: High-pass filter is disabled.
fs[1:0]
Accelerometer full-scale range selection. See Table 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com