Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 61Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 62Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 63Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 64Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 65Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 66Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 67Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 68Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
65
9.14.2
M_OUT_X_MSB (0x33), M_OUT_X_LSB (0x34), M_OUT_Y_MSB (0x35), M_OUT_Y_LSB
(0x36), M_OUT_Z_MSB (0x37), M_OUT_Z_LSB (0x38) registers
X-axis, Y-axis, and Z-axis 16-bit magnetic output data expressed as 2's complement numbers, with a resolution of 0.1
μT/LSB.
9.14.3
CMP_X_MSB (0x39), CMP_X_LSB (0x3A), CMP_Y_MSB (0x3B), CMP_Y_LSB (0x3C),
CMP_Z_MSB (0x3D), CMP_Z_LSB (0x3E) registers
These registers contain the 2’s complement 14-bit decimated acceleration values, and are time aligned with the magnetometer
sample data. The decimation is controlled by the ODR (CTRL_REG1 dr[2:0]) and the magnetometer OSR (M_CTRL_REG1
m_os[2:0]) settings.These registers allow the host application to acquire a complete set of time-aligned magnetic and
acceleration data with the same oversampling ratio applied to each axis. Note that unlike the acceleration data available in the
OUT_X/Y/Z registers located at addresses x1-x6, the data in the CMP_X/Y/Z registers is right justified.
xdr
xdr is set to 1 whenever a new X-axis data acquisition is completed. xdr is cleared anytime the M_OUT_X_MSB register is
read. X-axis new data available:
0: No new X-axis magnetic data is available.
1: New X-axis magnetic data is available
m_out_x[15:8]
Figure 82. M_OUT_X_MSB (0x33) register
m_out_x[7:0]
Figure 83. M_OUT_X_LSB (0x34) register
m_out_y[15:8]
Figure 84. M_OUT_Y_MSB (0x35) register
m_out_y[7:0]
Figure 85. M_OUT_Y_LSB (0x36) register
m_out_z[15:8]
Figure 86. M_OUT_Z_MSB (0x37) register
m_out_z[7:0]
Figure 87. M_OUT_Z_LSB (0x38) register
—
—
cmp_x[13:8]
Figure 88. CMP_X_MSB (0x39) register
cmp_x[7:0]
Figure 89. CMP_X_LSB (0x3A) register
Table 87. M_DR_STATUS bit descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com