Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 34Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 35Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 36Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 37Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 38Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 39Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 40Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 41Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
Sensors
38
Freescale Semiconductor, Inc.
If any of the interrupt sources listed under the “Wake-from-Sleep” column is asserted, then the system will transition out of the
low sample rate Auto-Sleep mode to the user specified fast sample rate provided the user specified wake event function is
enabled in register CTRL_REG3.
If the Auto-Sleep interrupt is enabled, a transition from Active mode to Sleep mode and vice-versa will generate an interrupt.
If CTRL_REG3[fifo_gate] = 1, transitioning to Auto-Sleep mode will preserve the FIFO contents, set SYSMOD[fgerr] (FIFO Gate
error), and stop new acquisitions. The system will wait for the FIFO buffer to be emptied by the host application before new
samples can be acquired.
Figure 25. Auto-Sleep state transition diagram
9.3
Temperature
9.3.1
TEMP (0x51) register
8-bit 2’s compliment sensor temperature value with 0.96°C/LSB resolution. Temperature data is only valid between -40°C and
125°C.
9.4
Accelerometer output data registers
9.4.1
OUT_X_MSB (0x01), OUT_X_LSB (0x02), OUT_Y_MSB (0x03), OUT_Y_LSB (0x04),
OUT_Z_MSB (0x05), OUT_Z_LSB (0x06) registers
These registers contain the X-axis, Y-axis, and Z-axis 14-bit left-justified sample data expressed as 2's complement numbers.
The sample data output registers store the current sample data if the FIFO buffer function is disabled, but if the FIFO buffer
function is enabled the sample data output registers then point to the head of the FIFO buffer which contains up to the previous
32 X, Y, and Z data samples.
The data is read out in the following order: Xmsb, Xlsb, Ymsb, Ylsb, Zmsb, Zlsb for CTRL_REG1[f_read] = 0, and Xmsb, Ymsb,
Zmsb for CTRL_REG1[f_read] = 1. If the device is operating in hybrid mode and M_CTRL_REG2[hyb_autoinc_mode] = 1, The
data read out order is acceleration Xmsb, Xlsb, Ymsb, Ylsb, Zmsb, and Zlsb followed by magnetic data Xmsb, Xlsb, Ymsb, Ylsb,
Zmsb, Zlsb. Similarly, for CTRL_REG1[f_read] = 1, only the MSB's of the acceleration and magnetic data are read out in the same
axis order.
If the CTRL_REG1[f_read] bit is set, auto increment will skip over the LSB registers. This will shorten the data acquisition from
7 bytes to 4 bytes, If the LSB registers are directly addressed, the LSB information can still be read regardless of the
CTRL_REG1[f_read] register setting.
die_temperature[7:0]
Figure 26. TEMP register
Acquire
Standby
No Sleep
Standby
Sleep
Active Mode
Auto-Sleep Mode
SLP_COUNTER <
SLP_COUNTER >
ASLP COUNT
ASLP COUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com