Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 25Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 26Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 27Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 28Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 29Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 30Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 31Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 32Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
29
9.1.4
TRIG_CFG (0x0A) register
FIFO trigger configuration register. After the interrupt flag of the enabled event in TRIG_CFG is set, the FIFO (when configured
in Trigger mode) is gated at the time of the interrupt event preventing the further collection of data samples. This allows the host
processor to analyze the data leading up to the event detection (up to 32 samples). For detailed information on how to utilize the
FIFO and the various trigger events, please see AN4073 available on the Freescale website.
9.1.5
SYSMOD (0x0B) register
The system mode register indicates the current device operating mode. Applications using the Auto-Sleep/Auto-Wake
mechanism should use this register to synchronize their application with the device operating mode. The system mode register
also indicates the status of the FIFO gate error flag and the time elapsed since the FIFO gate error flag was asserted.
Table 18. FIFO sample count bit description
Field
Description
f_cnt[5:0]
These bits indicate the number of acceleration samples currently stored in the FIFO buffer. Count 0b000000 indicates that
the FIFO is empty.
FIFO sample counter. Default value 0b000000.
(0b000001 to 0b100000 indicates 1 to 32 samples stored in FIFO
—
—
trig_trans
trig_lndprt
trig_pulse
tria_ffmt
trig_a_vecm
—
00000000
Figure 13. TRIG_CFG register
Table 19. TRIG_CFG bit descriptions
Field
Description
trig_trans
Transient interrupt FIFO trigger enable.
trig_lndprt
Landscape/Portrait orientation interrupt FIFO trigger enable.
trig_pulse
Pulse interrupt FIFO trigger enable
tria_ffmt
Freefall/motion interrupt FIFO trigger enable
trig_a_vecm
Acceleration vector magnitude FIFO trigger enable.
fgerr
fgt[4:0]
sysmod[1:0]
Figure 14. SYSMOD register
Table 20. SYSMOD bit description
Field
Description
fgerr
FIFO gate error. Default value: 0.
0: No FIFO gate error detected.
1: FIFO gate error was detected.
Emptying the FIFO buffer clears the fgerr bit in the SYSMOD register.
See CTRL_REG3 [Interrupt CTRL register] (0x2C) for more information on configuring the FIFO Gate function.
fgt[4:0]
Number of ODR time units since fgerr was asserted. Reset when fgerr is cleared
sysmod[1:0]
System mode. Default value: 0.
00: Standby mode
01: Wake mode
10: Sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com