Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 69Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 70Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 71Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 72Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 73Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 74Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 75Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 76Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
73
Figure 122. DBCNTM bit function
9.17
Magnetometer control registers
9.17.1
M_CTRL_REG1 (0x5B) register
m_acal
m_rst
m_ost
m_os[2:0]
m_hms[1:0]
0
0
0
0b000
0b00
Figure 123. M_CTRL_REG1 register
Table 93. M_CTRL_REG1 bit descriptions
Field
Description
m_acal
Magnetic hard-iron offset auto-calibration enable:
0: Auto-calibration feature disabled
1: Auto-calibration feature is enabled; the ASIC uses the maximum and minimum magnetic data to determine the
hard iron offset value. The M_OFF_X/Y/Z registers are automatically loaded with (MAX_X/Y/Z + MIN_X/Y/Z)/2 for
each axis at the end of every ODR cycle.
m_rst
One-shot magnetic reset de-gauss control bit:
0: No magnetic sensor reset is active
1: One-shot magnetic reset is enabled, hardware cleared when complete.
Magnetic Event
Count Threshold
EA
FF Counter
Magnetic Event
Count Threshold
(a)
Debounce Counter
Magnetic Event
Count Threshold
EA
MAG_THS_X_MSB[m_ths_dbcntm] = 1
(b)
EA
MAG_THS_X_MSB[m_ths_dbcntm] = 0
(c)
Debounce Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com