Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 41Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 42Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 43Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 44Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 45Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 46Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 47Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 48Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
45
9.8.5
PL_THS_REG (0x14) register
Portrait to landscape trip threshold registers.
Table 42. PL_BF_ZCOMP bit descriptions
Field
Description
zlock[2:0]
Z-lock angle threshold. range is from 13° to 44°. Step size is approximately 4°. See Table 42 for more information.
Default value: 00
≥ 13°.
Maximum value: 07
≥ 44°.
bkfr[1:0]
Back/front trip angle threshold. See Table 43 for more information.
Default: 10
≥ ±75°. Step size is 5°.
Range: ±(65° to 80°).
Table 43. Z-Lockout Angle definitions
zlock
Resultant angle (min) for positions
between Landscape and Portrait
Resultant angle (max) for
ideal Landscape or Portrait
0x00
13.6
14.5
0x01
17.1
18.2
0x02
20.7
22.0
0x03
24.4
25.9
0x04
28.1
30.0
0x05
32.0
34.2
0x06
36.1
38.7
0x07
40.4
43.4
Table 44. Back/Front Orientation definitions
bkfr
Back
→ Front Transition
Front
→ Back Transition
00
Z < 80° or Z > 280°
Z > 100° and Z < 260°
01
Z < 75° or Z > 285°
Z > 105° and Z < 255°
10
Z < 70° or Z > 290°
Z > 110° and Z < 250°
11
Z < 65° or Z > 295°
Z > 115° and Z < 245°
pl_ths[4:0]
hys[2:0]
0b00011
0b010
Figure 43. PL_THS_REG register
Table 45. Threshold angle lookup table
Threshold angle (approx.)
5-bit register value
15
0x07
20
0x09
30
0x0C
35
0x0D
40
0x0F
45
0x10
55
0x13
60
0x14
70
0x17
75
0x19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com