Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 56Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 57Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 58Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 59Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 60Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 61Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 62Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 63Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
Sensors
60
Freescale Semiconductor, Inc.
corresponding to an 8g acceleration full-scale range. The full-scale range is fixed at 8g for the pulse detection function, regardless
of the settings made in XYZ_DATA_CFG[fs].
9.12.4
PULSE_THSY (0x24) register
9.12.5
PULSE_THSZ (0x25) register
9.12.6
PULSE_TMLT (0x26) register
Minimum time step for the pulse time limit is defined in Tables 75 and 76. Maximum time for a given ODR is “Minimum time step
x 255”.
—
pls_thsy[6:0]
0
0b0000000
Figure 73. PULSE_THSY register
Table 73. PULSE_THSY bit description
Field
Description
pls_thsy[6:0]
Pulse threshold for Y-axis.
—
pls_thsz[6:0]
0
0b0000000
Figure 74. PULSE_THSZ register
Table 74. PULSE_THSZ bit description
Field
Description
pls_thsz[6:0]
Pulse threshold for Z-axis.
pls_tmlt[7:0]
0b00000000
Figure 75. PULSE_TMLT register
Table 75. PULSE_TMLT bit description
Field
Description
pls_tmlt[7:0]
pls_tmlt[7:0] defines the maximum time interval that can elapse between the start of the acceleration on the selected
channel exceeding the specified threshold and the end when the channel acceleration goes back below the specified
threshold.
Table 76. Time step for pulse time limit LPF_EN = 1
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com