Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 28Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 29Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 30Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 31Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 32Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 33Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 34Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 35Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
Sensors
32
Freescale Semiconductor, Inc.
The active bit selects between Standby mode and Active mode. The default value is 0 (Standby mode) on reset.
The lnoise bit selects between normal full dynamic range mode and a high sensitivity, low-noise mode. In low-noise mode the
maximum signal that can be measured is ±4g. Note: Any thresholds set above 4g will not be reached.
The f_read bit selects between normal and fast-read modes where the auto-increment counter will also skip over the LSB data
bytes when f_read = 1. Data read from the FIFO will also skip over the LSB data, reducing the data acquisition time. In hybrid
mode and with M_CTRL_REG2[hyb_autoinc_mode] = 1, all of the sensor data MSB's can be read out with a single 6-byte burst
read starting at the OUT_X_MSB register. Note: The f_read bit can only be changed while F_SETUP[f_mode] = 0
9.1.9
CTRL_REG2 (0x2B) register
Table 24. System Output Data Rate selection
dr2
dr1
dr0
ODR accelerometer or
magnetometer only modes
(Hz)
Period accelerometer or
magnetometer only modes
(ms)
ODR hybrid mode (Hz)
Period hybrid mode (ms)
0
0
0
800.0
1.25
400
2.5
0
0
1
400.0
2.5
200
5
0
1
0
200.0
5
100
10
0
1
1
100.0
10
50
20
1
0
0
50.0
202580
1
0
1
12.5
80
6.25
160
1
1
0
6.3
160
3.15
320
1
1
1
1.6
640
0.8
1280
st
rst
—
smods[1:0]
slpe
mods[1:0]
000000
Figure 18. CTRL_REG2 register
Table 25. CTRL_REG2 bit descriptions
Field
Description
st
The st bit activates the accelerometer self-test function. When st is set to 1, an output change will occur to the device outputs
thus allowing the host application to check the functionality of the entire measurement signal chain.
Self-Test Enable:
0: Self-Test disabled
1: Self-Test enabled.
rst
The rst bit is used to initiate a software reset. The reset mechanism can be enabled in both Standby and Active modes. When
the rst bit is set, the boot mechanism resets all functional block registers and loads the respective internal registers with their
default values. After setting the rst bit, the system will automatically transition to Standby mode. Therefore, if the system was
already in Standby mode, the reboot process will immediately begin; else if the system was in Active mode the boot mechanism
will automatically transition the system from Active mode to Standby mode, only then can the reboot process begin. A system
reset can also be initiated by pulsing the external RST pin high
.
The I2C and SPI communication systems are also reset to avoid corrupted data transactions. The host application should allow
1 ms between issuing a software (setting rst bit) or hardware (pulsing RST pin) reset and attempting communications with the
device over the I2C or SPI interfaces.
At the end of the boot process the rst bit is deasserted to 0. Reading this bit will always return a value of 0.
0: Device reset disabled
1: Device reset enabled.
smods[1:0]
Sleep mode power scheme selection. See Table 25 for more information.
slpe(1)
1. When SLPE = 1, a transition between Sleep mode and Wake mode results in a FIFO flush and a reset of internal functional block counters.
All functional block status information is preserved except where otherwise stated. For further information, refer to the CRTL_REG3 register
description (FIFO_GATE bit).
Auto-Sleep mode enable:
0: Auto-Sleep is not enabled
1: Auto-Sleep is enabled.
mods[1:0]
Accelerometer OSR selection. This setting, along with the ODR selection determines the Active mode power and RMS noise
for acceleration measurements.
See Table 25 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com