Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 7Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 8Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 9Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 10Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 11Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 12Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 13Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 14Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
11
4.3
Hybrid characteristics
4.4
Electrical characteristics
Table 4. Hybrid characteristics @ VDD = 2.5V, VDDIO = 1.8V T = 25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Maximum output data rate in hybrid mode
400
Hz
Top
Operating temperature range
-40
+85
°C
Table 5. Electrical characteristics @ VDD = 2.5V, VDDIO = 1.8V T = 25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
1.95
2.5
3.6
V
VDDIO
Interface supply voltage
1.62
1.8
3.6
V
IddLP
Low-power acceleration mode
ODR = 12.5 Hz
8
μA
ODR = 100 Hz
35
ODR = 400 Hz
130
Idd
Normal acceleration mode
ODR = 50 Hz
35
μA
ODR = 200 Hz
130
ODR = 800 Hz
240
Idd
Hybrid mode
ODR = 200 Hz
g-cell OS = 4
m-cell OS = 2
440
μA
ODR = 100 Hz
g-cell OS = 4
m-cell OS = 2
240
ODR = 25 Hz
g-cell OS = 4
m-cell OS = 2
80
Idd
Magnetic mode
ODR = 400 Hz, OS = 2
575
μA
ODR = 12.5 Hz, OS = 2
40
Idd Boot
Current during boot sequence, 0.9 mS max duration
using recommended regulator bypass capacitor
VDD = 2.5V
3
mA
Cap, Cres
Value of capacitors on BYP pin and magnetic reset
pins
-40°C to 85°C
75
100
470
nF
IddSTBY
Standby mode current @ 25°C
Standby mode
2
μA
IddSTBY
Standby mode current over-temperature range
Standby mode
16
μA
VIH
Digital high-level input voltage RST pin
1.04
V
VIL
Digital low-level input voltage RST pin
0.68
V
VIH
Digital high-level input voltage
SCL, SDA, SA0, SA1
0.75*VDDIO
V
VIL
Digital low-level input voltage
SCL, SDA, SA0, SA1
0.3*VDDIO
V
VOH
High-level output voltage
INT1, INT2
IO = 500 µA
0.9*VDDIO
V
VOL
Low-level output voltage
INT1, INT2
IO = 500 μA
0.1*VDDIO
V
VOLS
Low-level output voltage
SDA
IO = 500 μA
0.1*VDDIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com