Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 13Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 14Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 15Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 16Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 17Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 18Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 19Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 20Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
17
5.2.2
SPI READ/WRITE operations
A READ operation is initiated by transmitting a 0 for the R/W bit. Then the 8-bit register address, ADDR[7:0] is encoded in the
first and second serialized bytes. Subsequent bits are ignored by the part. The read data is deserialized from the MISO pin.
Similarly a WRITE operation is initiated by transmitting a 1 for the R/W bit. After the first and second serialized bytes multiple data
bytes can be transmitted into consecutive registers, starting from the indicated register address in ADDR[7:0].
An SPI transaction is started by asserting the CS_B pin (high-to-low transition), and ended by deasserting the CS_B pin (low-to-
high transition).
* Data bytes must be transmitted to the slave (FXOS8700CQ) via MOSI pin by the master when R/W = 1. Data bytes will be transmitted by the
slave (FXOS8700CQ) to the master via MISO pin when R/W = 0. The first 2 bytes are always transmitted by the master via MOSI pin. i.e. a
transaction is always initiated by master.
Figure 8. SPI single-burst READ/WRITE transaction diagram
The registers embedded inside the FXOS8700CQ are accessed through either an I2C, or a SPI serial interface. To enable either
interface the VDDIO line must be connected to the interface supply voltage. If VDD is not present and VDDIO is present
FXOS8700CQ is in shutdown mode and communications on the interface are ignored. If VDDIO is held high, VDD can be
powered off and the communications pins will be in a high impedance state. This will allow communications to continue on the
bus with other devices.
5.2.3
I2C/SPI auto detection
It is possible to factory-trim parts such that the part always uses either I2C or SPI communication protocol. When this trim is not
in place the device will operate in either I2C or SPI interface mode based on the state of the SA0 pin during power up or when
exiting reset. Once set for I2C or SPI operation the device will remain in I2C or SPI mode until the device is reset.
5.2.4
Power supply sequencing and I2C/SPI mode auto detection
This component does not have any specific power supply sequencing requirements between VDD and VDDIO voltage supplies
to ensure normal operation. To ensure correct operation of the I2C/SPI auto-detection function, VDDIO should be applied before
or at the same time as VDD. If this order cannot be maintained, the user should either toggle the RST line or power cycle the
VDD rail in order to force the auto-detect function to restart and correctly identify the desired interface. Please consult the factory
for further options if necessary.
R/W bit followed by ADDR [6:0] ADDR[7] followed by 7 “don’t care” bits
Data0*
Data1
—
Datan
Table 11. Serial interface pin descriptions
Pin Name
Pin Description
VDDIO
Digital interface power
SA1/CS_B
I2C second least significant bit of device address/SPI chip select
SCL/SCLK
I2C/SPI serial clock
SDA/MOSI
I2C serial data/SPI master serial data out slave serial data in
SA0/MISO
I2C least significant bit of the device address/SPI master serial data in slave out
Table 12. I2C/SPI auto detection
SA0
Slave address
GND
I2C
VDDIO
I2C
Floating
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com