Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 60Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 61Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 62Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 63Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 64Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 65Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 66Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 67Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
Sensors
64
Freescale Semiconductor, Inc.
9.14
Magnetometer data registers
9.14.1
M_DR_STATUS (0x32) register
Magnetic data ready status register.
This register indicates the real-time status information of the X, Y, and Z magnetic sample data.
Table 86. OFF_Z bit description
Field
Description
off_z[7:0]
Z-axis offset correction value expressed as an 8-bit 2's complement number.
xyzow
zow
yow
xow
xyzdr
zdr
ydr
xdr
00
0
00000
Figure 81. M_DR_STATUS register
Table 87. M_DR_STATUS bit descriptions
Field
Description
zyxow
zyxow is set to one whenever new magnetic data is acquired before completing the retrieval of the previous data set. This
event occurs when the content of at least one magnetometer output data register (i.e. M_OUT_X/Y/Z) has been overwritten.
zyxow is cleared when the most significant bytes of the magnetometer data (M_OUT_X_MSB, M_OUT_Y_MSB, and
M_OUT_Z_MSB) are read.
X, Y, Z-axis data overwrite:
0: No data overwrite has occurred
1: Previous X, Y, Z magnetic data was overwritten by new X, Y, Z data before it was completely read
zow
zow is set to 1 whenever a new Z-axis acquisition is completed before the retrieval of the previous data. When this occurs
the previous data is overwritten. zow is cleared anytime the M_OUT_Z_MSB register is read.
Z-axis data overwrite:
0: No data overwrite has occurred
1: Previous Z-axis magnetic data was overwritten by new Z-axis data before it was read
yow
yow is set to 1 whenever a new Y-axis acquisition is completed before the retrieval of the previous data. When this occurs
the previous data is overwritten. yow is cleared anytime M_OUT_Y_MSB register is read.
Y-axis data overwrite:
0: No data overwrite has occurred
1: Previous Y-axis magnetic data was overwritten by new Y-axis data before it was read
xow
xow is set to 1 whenever a new X-axis acquisition is completed before the retrieval of the previous data. When this occurs
the previous data is overwritten. xow is cleared anytime the M_OUT_X_MSB register is read.
X-axis data overwrite:
0: No data overwrite has occurred
1: Previous X-axis magnetic data was overwritten by new X-axis data before it was read
zyxdr
zyxdr signals that a new acquisition for the X, Y, and Z axes magnetic data is available. zyxdr is cleared when the most
significant bytes of the magnetometer data (M_OUT_X_MSB, M_OUT_Y_MSB, and M_OUT_Z_MSB) are read.
X, Y, Z new data available:
0: No new set of X, Y, Z magnetic data is available
1: A new set of X, Y, Z magnetic data is available
zdr
zdr is set to 1 whenever a new Z-axis data acquisition is completed. zdr is cleared anytime the M_OUT_Z_MSB register is
read. Z-axis new data available:
0: No new Z-axis magnetic data is available
1: New Z-axis magnetic data is available
ydr
ydr is set to 1 whenever a new Y-axis data acquisition is completed. ydr is cleared anytime the M_OUT_Y_MSB register is
read. Y-axis new data available:
0: No new Y-axis magnetic data is available
1: New Y-axis magnetic data is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com