Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 55Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 56Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 57Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 58Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 59Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 60Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 61Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 62Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
59
9.12.2
PULSE_SRC (0x22) register
This register indicates the status bit for the pulse detection function.
9.12.3
PULSE_THSX (0x23) register
The PULSE_THSX, PULSE_THSY and PULSE_THSZ registers define the thresholds used by the system to start the pulse event
detection procedure. Threshold values for each axis are unsigned 7-bit numbers with a fixed resolution of 0.063g/LSB,
pls_xspefe
Event flag enable on single pulse event on X-axis.
0: Event detection disabled
1: Raise event flag on detection of single pulse event on X-axis.
pls_src_ea
pls_src_axz
pls_src_axy
pls_src_axx
pls_src_dpe
pls_src_polz
pls_src_poly
pls_src_polx
Figure 71. PULSE_SRC register
Table 71. PULSE_SRC bit descriptions
Field
Description
pls_src_ea
Event active flag.
0: No interrupt has been generated
1: One or more interrupt events have been generated
pls_src_axz
Z-axis event flag.
0: No interrupt.
1: Z-axis event has occurred
pls_src_axy
Y-axis event flag.
0: No interrupt.
1: Y-axis event has occurred
pls_src_axx
X-axis event flag.
0: No interrupt.
1: X-axis event has occurred.
pls_src_dpe
Double pulse on first event.
0: Single pulse event triggered interrupt.
1: Double pulse event triggered interrupt.
pls_src_polz
Pulse polarity of Z-axis event.
0: Pulse event that triggered interrupt was positive.
1: Pulse event that triggered interrupt was negative.
pls_src_poly
Pulse polarity of Y-axis event.
0: Pulse event that triggered interrupt was positive.
1: Pulse event that triggered interrupt was negative.
pls_src_polx
Pulse polarity of X-axis event.
0: Pulse event that triggered interrupt was positive.
1: Pulse event that triggered interrupt was negative.
—
pls_thsx[6:0]
0
0b0000000
Figure 72. PULSE_THSX register
Table 72. PULSE_THSX bit description
Field
Description
pls_thsx[6:0]
Pulse threshold for X-axis.
Table 70. PULSE_CFG bit descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com