Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 6Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 7Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 8Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 9Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 10Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 11Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 12Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 13Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
Sensors
10
Freescale Semiconductor, Inc.
4.2
Magnetic characteristics (magnetometer)
Table 3. Magnetic characteristics @ VDD = 2.5V, VDDIO = 1.8V T = 25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
FS
Measurement range
±1200
μT
So
Sensitivity
0.1
μT/LSB
Tc
Sensitivity change versus temperature
±0.1
%/°C
Zero-flux offset accuracy(1)
1. After m-cell has been trimmed.
±1
μT
Tco
Zero-flux offset change with temperature
0.8 (XY)
2.4 (Z)
μT/°C
Hysteresis(2)
2. Hysteresis is measured by sweeping the applied magnetic field from -1500
μT to 1500 μT and then back to -1500 μT. The difference in the
two readings at -1500
μT divided by the swept field range is the hysteresis figure, expressed in % of the full-scale range (FS).
±1
%FS
NL
Nonlinearity(3)
Best-fit straight line
3. Over a ±300
μT sliding window within the full-scale range.
TBD
%FS
Temperature sensor repeatability(4)
4. Verified by characterization.
1°C
Temperature sensor sensitivity
0.96
°C/LSB
Noise
Magnetometer output noise
ODR = 800 Hz, OS = 2
1.7 (XY)
2.5 (Z)
μT/rms
ODR = 400 Hz, OS = 4
1.2 (XY)
1.8 (Z)
ODR = 200 Hz, OS = 8
0.85 (XY)
1.3 (Z)
ODR = 100 Hz, OS = 16
0.6 (XY)
0.9 (Z)
ODR = 50 Hz, OS = 32
0.42 (XY)
0.6 (Z)
ODR = 12.5 Hz, OS = 128
0.3 (XY)
0.44 (Z)
ODR = 6.25 Hz, OS = 256
0.23 (XY)
0.33 (Z)
ODR = 1.56 Hz, OS = 1024
0.21 (XY)
0.3 (Z)
Vst
Self-Test output change
(1)
X-axis
20
-1320
TBD
LSB
Y-axis
20
+1300
TBD
LSB
Z-axis
20
100
TBD
LSB
BW
Output data bandwidth
ODR/3
ODR/2
Hz
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com