Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 44Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 45Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 46Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 47Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 48Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 49Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 50Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 51Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
Sensors
48
Freescale Semiconductor, Inc.
9.9.3
A_FFMT_THS (0x17), A_FFMT_ THS_X_MSB (0x73), A_FFMT_THS_X_LSB (0x74),
A_FFMT_THS_Y_MSB (0x75), A_FFMT_THS_Y_LSB (0x76), A_FFMT_THS_Z_MSB
(0x77), A_FFMT_THS_Z_LSB (0x78) registers
Freefall/motion detection threshold registers.
a_ffmt_zhp
Z-high event polarity flag. Default value: 0
0: Z event was positive g
1: Z event was negative g
This bit read always zero if the a_ffmt_zefe control bit is set to zero
a_ffmt_yhe
Y-high event flag. Default value: 0
0: No event detected
1: Y-high event has been detected
This bit read always zero if the a_ffmt_yefe control bit is set to zero
a_ffmt_yhp
Y-high event polarity flag. Default value: 0
0: Y event detected was positive g
1: Y event was negative g
This bit always reads zero if the a_ffmt_yefe control bit is set to zero
a_ffmt_xhe
X-high event flag. Default value: 0
0: No event detected
1: X-high event has been detected
This bit always reads zero if the a_ffmt_xefe control bit is set to zero
a_ffmt_xhp
X-high event polarity flag. Default value: 0
0: X event was positive g
1: X event was negative g
This bit always reads zero if the a_ffmt_xefe control bit is set to zero
a_ffmt_dbcntm
ths[6:0]
0
0b0000000
Figure 46. A_FFMT_THS (0x17) register
Table 50. A_FFMT_THS (0x17) bit descriptions
Field
Description
a_ffmt_dbcntm
The ASIC uses a_ffmt_dbcntm to set the acceleration FFMT debounce counter clear mode independent of the value of
the a_ffmt_ths_xyz_en.
a_ffmt_dbcntm bit configures the way in which the debounce counter is reset when the inertial event of interest is
momentarily not true.
When a_ffmt_dbcntm bit is a logic ‘1’, the debounce counter is cleared to 0 whenever the inertial event of interest is no
longer true (part b, Figure 55) while if the a_ffmt_dbcntm bit is set to logic ‘0’ the debounce counter is decremented by 1
whenever the inertial event of interest in longer true
(part c, Figure 55) until the debounce counter reaches 0 or the inertial event of interest become active.
The decrementing of the debounce counter acts to filter out irregular spurious events which might impede the correct
detection of inertial events.
ths[6:0]
Freefall/motion detection threshold: default value: 0b0000000. Resolution is fixed at 63 mg/LSB.
a_ffmt_ths_xyz_en
a_ffmt_ths_x[12:6]
0
0b0000000
Figure 47. A_FFMT_THS_X_MSB (0x73) register
Table 49. A_FFMT_SRC bit descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com