Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 38Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 39Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 40Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 41Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 42Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 43Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 44Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 45Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
Sensors
42
Freescale Semiconductor, Inc.
Please note that when the part is operated in hybrid mode, the ODR is reduced by a factor of two, which also affects the filter
cutoff frequency. For example, an ODR setting of 400 Hz in accelerometer only mode with HP_FILTER_CUTOFF[sel] = 0b10
sets the cutoff frequency at 4 Hz. If the part is operated in Hybrid mode, the effective ODR becomes 200 Hz and the cutoff
frequency is now 2 Hz for the same ODR and HP_FILTER_CUTOFF[sel] settings.
9.8
Portrait/Landscape Detection
The FXOS8700CQ is capable of detecting six orientations: Landscape Left, Landscape Right, Portrait Up, and Portrait Down with
Z-lockout feature as well as Face Up and Face Down orientation as shown in Figures 36, 37 and 38. For more details on the
meaning of the different user configurable settings and for example code, please refer to Freescale application note AN4068.
Figure 36. Illustration of Z-tilt angle lockout transition
.
Figure 37. Illustration of landscape to portrait transition
12.5
0.5
0.125
4
0.063
0.25
0.063
2
0.031
6.25
0.5
0.063
4
0.031
0.25
0.031
2
0.016
1.56
0.5
0.016
4
0.008
0.25
0.008
2
0.004
Table 38. HP_FILTER_CUTOFF
NORMAL
90
°
Z-LOCK = 32.142°
0°
DETECTION
LOCKOUT
REGION
Portrait
Landscape to Portrait
90
°
Trip Angle = 60
°
0° Landscape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com