Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 22Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 23Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 24Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 25Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 26Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 27Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 28Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 29Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
Sensors
26
Freescale Semiconductor, Inc.
NOTE
Auto-increment addresses which are not a simple increment are highlighted in bold. The auto-increment addressing is only enabled when
registers are read using burst read mode when configured for I2C or SPI. The auto-increment address is cleared in I2C mode when a stop
condition is detected. In SPI mode there is no stop condition and the address is not cleared.
M_VECM_CNT
R/W
0x6C
0x00
Magnetic vector
magnitude debounce
count
M_VECM_INITX_MSB
R/W
0x6D
0x00
Magnetic vector
magnitude reference
value X-axis MSB
M_VECM_INITX_LSB
R/W
0x6E
0x00
Magnetic vector
magnitude reference
value X-axis LSB
M_VECM_INITY_MSB
R/W
0x6F
0x00
Magnetic vector
magnitude reference
value Y-axis MSB
M_VECM_INITY_LSB
R/W
0x70
0x00
Magnetic vector
magnitude reference
value Y-axis LSB
M_VECM_INITZ_MSB
R/W
0x71
0x00
Magnetic vector
magnitude reference
value Z-axis MSB
M_VECM_INITZ_LSB
R/W
0x72
0x00
Magnetic vector
magnitude reference
value Z-axis LSB
A_FFMT_THS_X_MSB
R/W
0x73
0x00
X-axis FMT threshold
MSB
A_FFMT_THS_X_LSB
R/W
0x74
0x00
X-axis FFMT threshold
LSB
A_FFMT_THS_Y_MSB
R/W
0x75
0x00
Y-axis FFMT threshold
MSB
A_FFMT_THS_Y_LSB
R/W
0x76
0x00
Y-axis FFMT threshold
LSB
A_FFMT_THS_Z_MSB
R/W
0x77
0x00
Z-axis FFMT threshold
MSB
A_FFMT_THS_Z_LSB
R/W
0x78
0x00
Z-axis FFMT threshold
LSB
Reserved (do not modify)
0x7D
—
Reserved. Reads return
0x00.
1. Register contents are preserved when transitioning from Active to Standby mode.
2. Register contents are reset when transitioning from Standby to Active mode.
3. Register contents can be modified anytime in Standby or Active mode. A write to this register will cause a reset of the corresponding internal
system debounce counter.
4. Modification of this register’s contents can only occur when device is in Standby mode, except the FS[1:0] bit fields in CTRL_REG1 register
. Hybrid
auto-increment mode may be used to read out acceleration and magnetic data from registers x1-x6 using a burst read transaction. When
M_CTRL_REG2[hyb_autoinc_mode] = 1, the user may do a burst read of 12 bytes starting from OUT_X_MSB (address 0x1) to read out both the
current accelerometer and magnetometer data in one contiguous operation.
5. To ensure that valid data is read from these registers, the user must first read the M_OUT_X_MSB register in either burst or single-read mode.
Reading of the M_OUT_X_MSB register triggers the update of the M_OUT_X/Y/Z registers with the current time-aligned output data.
6. To ensure that valid data is read from these registers, the user must first read the MSB register of each register pair in either burst or single-read
mode. Reading of the LSB register without first reading the MSB register will result in invalid data.
Table 14. Register Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com