Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 71Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 72Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 73Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 74Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 75Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 76Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 77Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 78Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
75
9.17.3
M_CTRL_REG3 (0x5D) register
9.17.4
M_INT_SRC (0x5E) register
m_raw
m_aslp_os[2:0]
m_ths_xyz_update
m_st_z
m_st_xy[1:0]
0
0b000
0
0
0b00
Figure 125. M_CTRL_REG3 register
Table 95. M_CTRL_REG3 bit descriptions
Field
Description
m_raw
Magnetic measurement RAW mode enable:
0: Values stored in the M_OFF_X/Y/Z registers are applied to the magnetic sample data. This bit must be cleared
in order for the automatic hard-iron compensation function to have any effect.
1: Values stored in M_OFF_X/Y/Z are not applied to the magnetic sample data; automatic hard-iron compensation
function does not have any effect on the output data.
m_aslp_os[2:0]
Defines magnetometer OSR in Auto-Sleep mode. See Table 95.
m_ths_xyz_update
This control bit defines which reference values are updated when the magnetic threshold event detection function
triggers.
0: X, Y and Z reference values are all updated when the function triggers on any of the X, Y, or Z axes.
1
: Only the reference value for the axis that triggered the detection event is updated.
m_st_z
Enables Z-axis magnetic self-test function when set to 1.
m_st_xy[1:0]
Enables both X and Y axes magnetic self-test function simultaneously when set to a value greater than 2’b00.
X and Y magnetic self-test is disabled when this field is set to 2'b00
.
Table 96. M-cell OSR versus ODR
ODR (Hz)
OSR = 0
OSR = 1
OSR = 2
OSR = 3
OSR = 4
OSR = 5
OSR = 6
OSR = 7
1.56
16
16
32
64
128
256
512
1024
6.25
4
4
8
16
32
64
128
256
12.5
2
2
4
8
16
32
64
128
50
22
224
8
16
32
100
22
222
48
16
200
22
222
248
400
22
222
224
800
22
222
222
—————
src_m_ths
src_m_vecm
src_m_drdy
00000000
Figure 126. M_INT_SRC register
Table 97. M_INT_SRC bit description
Field
Description
src_m_ths
Magnetic threshold interrupt flag:
0: Magnetic threshold event has not been detected.
1: Magnetic threshold event has been detected.
src_m_vecm
Magnetic vector magnitude interrupt flag:
0: Magnetic vector magnitude change event has not been detected.
1: Magnetic vector magnitude change event has been detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com