Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 43Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 44Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 45Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 46Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 47Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 48Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 49Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 50Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
47
9.9.2
A_FFMT_SRC (0x16) register
Freefall/motion source register. Read-only register.
This register keeps track of the acceleration event which is triggering (or has triggered, in case of A_FFMT_CFG[a_ffmt_ele]
= 1) the event flag. In particular A_FFMT_SRC[a_ffmt_ea] is set to a logic ‘1’ when the logical combination of acceleration event
flags specified in A_FFMT_CFG register is true. This bit is used in combination with the values in CTRL_REG4[int_en_ffmt] and
CTRL_REG5[int_cfg_ffmt] register bits to generate the freefall/motion interrupts.
Table 48. A_FFMT_CFG bit descriptions
Field
Description
a_ffmt_ele
a_ffmt_ele denotes whether the enabled event flag will be latched in the A_FFMT_SRC register or the event flag status in the
A_FFMT_SRC will indicate the real-time status of the event. If a_ffmt_ele bit is set to a logic ‘1’, then the event flags are frozen
when the a_ffmt_ea bit gets set, and are cleared by reading the A_FFMT_SRC source register.
Default value: 0
0: Event flag latch disabled
1: Event flag latch enabled
a_ffmt_oae
a_ffmt_oae bit allows the selection between motion (logical OR combination of high-g X, Y, Z-axis event flags) and freefall
(logical AND combination of low-g X, Y, Z-axis event flags) detection.
Motion detect/freefall detect logic selection.
Default value: 0 (freefall flag)
0: Freefall flag(Logical AND combination of low-g X, Y, Z-axis event flags)
1: Motion flag (Logical OR combination of high-g X, Y, Z event flags)
a_ffmt_zefe
a_ffmt_zefe enables the detection of a high or low-g event when the measured acceleration data on Z-axis is above/below
the threshold set in the A_FFMT_THS register. If the a_ffmt_ele bit is set to logic ‘1’ in the A_FFMT_CFG register, new event
flags are blocked from updating the A_FFMT_SRC register.
Default value: 0
0: Event detection disabled
1: Raise event flag on measured Z-axis acceleration above/below threshold.
a_ffmt_yefe
a_ffmt_yefe enables the detection of a high or low-g event when the measured acceleration data on Y-axis is above/below
the threshold set in the A_FFMT_THS register. If the a_ffmt_ele bit is set to logic ‘1’ in the A_FFMT_CFG register, new event
flags are blocked from updating the A_FFMT_SRC register.
Default value: 0
0: Event detection disabled
1: Raise event flag on measured Y-axis acceleration above/below threshold.
a_ffmt_xefe
a_ffmt_xefe enables the detection of a high or low-g event when the measured acceleration data on X-axis is above/below
the threshold set in the A_FFMT_THS register. If the a_ffmt_ele bit is set to logic ‘1’ in the A_FFMT_CFG register, new event
flags are blocked from updating the A_FFMT_SRC register.
Default value: 0
0: Event detection disabled
1: Raise event flag on measured X-axis acceleration above/below threshold.
a_ffmt_ea
—
a_ffmt_zhe
a_ffmt_zhp
a_ffmt_yhe
a_ffmt_yhp
a_ffmt_xhe
a_ffmt_xhp
00000000
Figure 45. A_FFMT_SRC register
Table 49. A_FFMT_SRC bit descriptions
Field
Description
a_ffmt_ea
Event active flag. Default value: 0
0: No event flag has been asserted
1: One or more event flag has been asserted. See the description of the A_FFMT_CFG[a_ffmt_oae] bit to determine the
effect of the 3-axis event flags on the a_ffmt_ea bit.
a_ffmt_zhe
Z-high event flag. Default value: 0
0: Event detected
1: Z-high event has been detected
This bit always reads zero if the a_ffmt_zefe control bit is set to zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com