Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 73Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 74Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 75Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 76Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 77Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 78Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 79Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 80Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
77
9.17.7
M_VECM_THS_MSB (0x6A) register
9.17.8
M_VECM_THS_LSB (0x6B) register
9.17.9
M_VECM_CNT (0x6C) register
9.17.10 M_VECM_INITX_MSB (0x6D) register
m_vecm_dbcntm
m_vecm_ths[14:8]
0
0b0000000
Figure 128. M_VECM_THS_MSB register
Table 99. M_VECM_THS_MSB bit descriptions
Field
Description
m_vecm_dbcntm
Magnetic vector magnitude debounce counter mode selection:
0: The debounce counter is decremented by 1 whenever the current vector magnitude result is below the threshold
set in M_VECM_THS.
1: The debounce counter is cleared whenever the current vector magnitude result is below the threshold set in
M_VECM_THS.
m_vecm_ths[14:8]
Seven most significant bits of 15-bit unsigned magnetic vector magnitude threshold. Resolution is 0.1
μT/LSB.
m_vecm_ths[7:0]
0b00000000
Figure 129. M_VECM_THS_LSB register
m_vecm_cnt[7:0]
0b00000000
Figure 130. M_VECM_CNT register
Table 100. M_VECM_CNT bit description
Field
Description
m_vecm_cnt[7:0]
Magnetic vector magnitude debounce count value. The debounce timer count period is set by the current ODR. For
example, with M_VECM_CNT = 15 and an ODR of 100 Hz selected, the debounce is set to 150 ms. When operating
in hybrid mode, the effective ODR is reduced by a factor of two, making the debounce time for this example 300 ms.
m_vecm_initx[15:8]
0b00000000
Figure 131. M_VECM_INITX_MSB register
Table 101. M_VECM_INITX_MSB bit description
Field
Description
m_vecm_initx[15:8]
MSB of signed 16-bit initial X-axis value used by the magnetic vector magnitude function when
M_VECM_CFG[m_vecm_initm] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com