Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  FXOS8700CQ Datasheet HTML 1Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 2Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 3Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 4Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 5Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 6Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 7Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 8Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Freescale Semiconductor
Document Number: FXOS8700CQ
Data Sheet: Advance Information
Rev. 1, 06/2012
© 2012 Freescale Semiconductor, Inc. All rights reserved.
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
6-Axis Xtrinsic Sensor with Integrated
Linear Accelerometer and
Magnetometer
FXOS8700CQ is a small, low-power 6-axis linear accelerometer and
magnetometer combined into a single package. The device features a selectable
digital I2C or SPI serial interface with 14-bit accelerometer and 16-bit
magnetometer resolution along with smart-embedded functions. FXOS8700CQ
has dynamically selectable acceleration full scales of ±2g/±4g/±8g and a fixed
magnetic measurement range of ±1200
μT. Output Data Rates (ODR) from
1.563 Hz to 800 Hz are selectable by the user for each sensor. Interleaved
magnetic and acceleration data is available at ODR rates of up to 400 Hz.
FXOS8700CQ is available in a plastic QFN package and it is guaranteed to operate
over the extended temperature range of -40°C to +85°C.
Features
•
1.95V to 3.6V VDD supply voltage, 1.62V to 3.6 VDDIO voltage
•
±2g/±4g/±8g dynamically selectable acceleration full-scale range
•
±1200 µT magnetic sensor full-scale range
•
Output Data Rates (ODR) from 1.563 Hz to 800 Hz for each sensor, and up to
400 Hz when operated in hybrid mode with both sensors active
•
Low noise: < 150
μg/√Hz acceleration, < 1 μT rms magnetic
•
14-bit resolution for acceleration measurements
•
16-bit resolution for magnetic measurements
•
Footprint compatible with Xtrinsic MMA8451, 2, 3
•
Embedded programmable acceleration event functions:
—
Freefall and Motion Detection
—
Transient Detection
—
Vector-Magnitude Change Detection
—
Pulse and Tap Detection (Single and Double)
—
Orientation Detection (Portrait/Landscape)
•
Embedded programmable magnetic event functions:
—
Threshold Detection
—
Vector-Magnitude Change Detection
—
Autonomous Magnetic Min/Max Detection
—
Autonomous Hard-Iron Calibration
•
Programmable automatic ODR change using Auto-Wake and return to Sleep functions to save power. This function works
with both magnetic and acceleration event interrupt sources.
•
32-sample FIFO for acceleration data only
•
Integrated accelerometer and magnetometer self-test functions
Target Markets
•
Smart phones, tablets, personal navigation devices, robotics, UAVs, and wrist watches with embedded electronic compass
(eCompass) function.
•
Medical applications: patient monitoring, fall detection, and rehabilitation
1
VDDIO
6
2
3
4
5
13
12
11
10
9
78
16
15
14
BYP
Reserved
SCL/SCLK
GND
Reserved
GND
INT1
SA1/CS_B
INT2
16 LEAD QFN
3 mm by 3 mm by 1.2 mm
FXOS8700CQ
Top View
Pin Connections
FXOS8700CQ


Similar Part No. - FXOS8700CQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXOS8700CQ NXP-FXOS8700CQ Datasheet
1Mb / 117P
6-axis sensor with integrated linear accelerometer and magnetometer
Rev. 7.0 - 22 March 2016
FXOS8700CQR1 NXP-FXOS8700CQR1 Datasheet
1Mb / 117P
6-axis sensor with integrated linear accelerometer and magnetometer
Rev. 7.0 - 22 March 2016
More results

Similar Description - FXOS8700CQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA-10 ETC2-2SA-10 Datasheet
436Kb / 8P
Integrated 2-Axis Hall Sensor
logo
Freescale Semiconductor...
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
MMA8491Q FREESCALE-MMA8491Q Datasheet
435Kb / 26P
Xtrinsic MMA8491Q 3-Axis Multifunction Digital Accelerometer
logo
TDK Electronics
DK-20602 TDK-DK-20602 Datasheet
375Kb / 1P
6-Axis Motion Sensor
DK-20648 TDK-DK-20648 Datasheet
393Kb / 1P
6-Axis Motion Sensor
ICM-20789 TDK-ICM-20789 Datasheet
1Mb / 65P
7-Axis, High Performance Integrated 6-Axis Inertial and Barometric Pressure Sensor
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
FXOS8700CQ NXP-FXOS8700CQ Datasheet
1Mb / 117P
6-axis sensor with integrated linear accelerometer and magnetometer
Rev. 7.0 - 22 March 2016
logo
KISTLER INSTRUMENT CORP...
9306A KISTLER-9306A Datasheet
1Mb / 5P
6-Axis Force/Torque Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com